Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP505 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP505
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505 Datasheet(HTML) 2 Page - Sipex Corporation

  SP505 Datasheet HTML 1Page - Sipex Corporation SP505 Datasheet HTML 2Page - Sipex Corporation SP505 Datasheet HTML 3Page - Sipex Corporation SP505 Datasheet HTML 4Page - Sipex Corporation SP505 Datasheet HTML 5Page - Sipex Corporation SP505 Datasheet HTML 6Page - Sipex Corporation SP505 Datasheet HTML 7Page - Sipex Corporation SP505 Datasheet HTML 8Page - Sipex Corporation SP505 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
504/505 AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
2
BOARD LAYOUT
I/O Pinouts
The SP504/SP505 Evaluation Board has been
designed to easily and conveniently provide
access to all inputs and outputs to the device
under test. Position the board with the DB-25
connector at the top and the DIP switches at the
bottom. From this orientation, all driver inputs
and outputs are located on the right-hand side of
the board while all receiver inputs and outputs
are located on the left-hand side of the board.
The access pins are arranged in groups of eight
pins for each driver and seven pins for each
receiver. Starting at the "TxC" driver located at
the upper right-hand corner of the board, the first
two rows of pins are TT(a). These are the TxC
driver output TT(a) connections. There are two
probe pins to accomodate loads, multiple test
clips, etc. Below the TT(a) pins are two TT(b)
pins. The last two pins below the TT(b) pins are
ground pins.
Located in front of the TT(a), TT(b) and ground
pins are two pins marked TxC and TTL.
The TxC pin is the input to the TxC driver while
the TTL pin is connected to a common bus. This
common TTL bus provides a convenient way to
connect some or all driver inputs to a common
TTL signal.
The remaining six drivers are arranged similar to
the TxC driver.
The receivers are laid out similar to the drivers,
but on the opposite side of the board. Starting at
the upper left-hand corner of the evaluation
board are two pins on the same row marked
CS(a). These are the CTS receiver input CS(a)
connections. Below the CS(a) pins are two CS(b)
pins. Below the CS(b) pins are two ground pins.
In front of the six CS(a), CS(b) and ground pins
is a single pin marked CTS. This is the TTL
output from the CTS receiver.
Again, the remaining receivers are similarly laid
out.
DIP Switches
At the bottom of the evaluation board are two
DIP switches. A switch placed in an "up" posi-
tion configures a logic HIGH while a "down"
position configures a logic LOW. The right-
hand DIP switch is used to configure the driver
and receiver mode select for the SP505 device or
just the driver mode select for the SP504 device.
These four mode select switches are marked
TDEC3-TDEC0. The right-hand DIP switch also
controls the SCT receiver enable line, SCTEN,
and the decoder latch control, LATCH, in the
SP505. Please note that logic LOW is off (rocker
down) as labeled on the DIP switch, not high or
low as labeled on the evaluation board.
The left-hand DIP switch is used to configure the
SP504 receiver mode select pins RDEC3-
RDEC0. But internally within the SP505, the
receiver and driver mode select lines are grouped
together as common select lines DEC3-DEC0
which are identified on the evaluation board as
TDEC3-TDEC0 on the right-hand DIP switch.
Thus, on the left-hand DIP switch for the SP505
device, the RDEC3-RDEC0 positions are
instead used to control the individual driver
tri-state controls,/RLEN, /LLEN, /RSEN,
/TREN & /SDEN.
R13
On the left-center position of the evaluation
board, immediately to the left of the SP504 or
SP505 device, is a column of resistors. There are
eleven resistors required for the SP504 device on
the evaluation board. Therefore, there should be
one open position marked for resistor R13 only
for SP505. If the evaluation board is being used
for the SP505, then this position must be fitted
with a 500 ohm 1% resistor. This R13 is the pull-
down resistor for the /RLEN control line which
is a TTL input. The R13 is left open for the SP504
because pin 18 is a TTL output (V35_STAT) on
the SP504.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com