Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02011 Datasheet(PDF) 14 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 14 Page - M/A-COM Technology Solutions, Inc.

Back Button M02011 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
14
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
4.2
Monitor Calibration
To achieve the best monitor accuracy, both the slope and calibrated offset should be used. The offset calibration is
achieved by measuring the dark current from the MON output. The calibrated monitor value is usually determined
by y = mx + b or:
IMON_CALIBRATED = (Slope * IMON_READING) + IMON_OFFSET
Where Slope = 1/Imon_ratio (Table 1-4) = 1/0.7 = 1.43 and
IMON_OFFSET = IINPUT@CAL – (IMON_READING@CAL * Slope)
4.3
Selecting the Monitor Resistor
As described earlier the high impedance monitor output sources a replica average photodiode current for
monitoring purposes. If detected by converting the current to a voltage through an external resistor (Figure 4-1),
ensure that the voltage on VMON is in the range of 0 to 2V. The table below provides suggested values for the
monitor resistor.
Table 4-1.
Selection of Rm for Maximum Input Current
IIN Max (mA)
Optical Power (dBm)
Rm (
Ω)
4
+6
500
2+3
1000
1
0
2000
0.5
–3
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com