Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX02068DIEWP Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # CX02068DIEWP
Description  3.3 Volt Laser Driver IC for 155/622 Mbps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068DIEWP Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button CX02068DIEWP Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. CX02068DIEWP Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Functional Description
02068-DSH-001-C
Mindspeed Technologies
®
11
Mindspeed Proprietary and Confidential
Figure 3-7.
Temperature Compensation Graphs
TC
SLOP
E
TC
START
80mA
0mA
+80°C
-40°C
1
∆
2
∆
0.035
0.037
0.039
0.041
0.043
0.045
0.047
-40
-20
0
20
406080
100
Temperature (°C)
5000
10000
20000
32000
RTCSTART = 0Ω, VCC = 3.3V
RTCSLOPE - Figures shown are in Ω
0.035
0.04
0.045
0.05
0.055
0.06
0.065
-40
-20
0
20
40
60
80
100
Temperature (°C)
5000
10000
20000
32000
RTCSTART = 250Ω, VCC = 3.3V
RTCSLOPE - Figures shown are in Ω
0.035
0.04
0.045
0.05
0.055
0.06
0.065
0.07
0.075
0.08
-40
-20
0
20
40
60
80
100
Temperature (°C)
5000
10000
20000
32000
RTCSTART = 400Ω, VCC = 3.3V
RTCSLOPE - Figures shown are in Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com