Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP505ACM Datasheet(PDF) 35 Page - Sipex Corporation

Part # SP505ACM
Description  WAN Multi-Mode Serial Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505ACM Datasheet(HTML) 35 Page - Sipex Corporation

Back Button SP505ACM Datasheet HTML 28Page - Sipex Corporation SP505ACM Datasheet HTML 29Page - Sipex Corporation SP505ACM Datasheet HTML 30Page - Sipex Corporation SP505ACM Datasheet HTML 31Page - Sipex Corporation SP505ACM Datasheet HTML 32Page - Sipex Corporation SP505ACM Datasheet HTML 33Page - Sipex Corporation SP505ACM Datasheet HTML 34Page - Sipex Corporation SP505ACM Datasheet HTML 35Page - Sipex Corporation SP505ACM Datasheet HTML 36Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35
Rev. 7/9/03
SP505 Multi–Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
80 PIN LQFP
CL
b
e
L
11° - 13°
0° Min
11° - 13°
0°–7°
0.2 RAD MAX.
0.08 RAD MIN.
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
e
E
E1
N
80-PIN LQFP
JEDEC MS-026
(BEC) Variation
MIN
NOM
MAX
1.60
0.05
0.15
1.35
1.40
1.45
0.22
0.32
0.38
16.00 BSC
14.00 BSC
0.65 BSC
16.00 BSC
14.00 BSC
80
c
L1
A2
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c0.11
23.00
L0.45
0.60
0.75
L1
1.00 BASIC
Seating
Plane
A1
A
A
PIN 1
E1
D1
D
CL
E
PACKAGE: 80 PIN LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com