Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP509 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP509
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509 Datasheet(HTML) 4 Page - Sipex Corporation

  SP509 Datasheet HTML 1Page - Sipex Corporation SP509 Datasheet HTML 2Page - Sipex Corporation SP509 Datasheet HTML 3Page - Sipex Corporation SP509 Datasheet HTML 4Page - Sipex Corporation SP509 Datasheet HTML 5Page - Sipex Corporation SP509 Datasheet HTML 6Page - Sipex Corporation SP509 Datasheet HTML 7Page - Sipex Corporation SP509 Datasheet HTML 8Page - Sipex Corporation SP509 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
Date: 8/19/04
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2004 Sipex Corporation
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.11 RECEIVER (continued)
DC Parameters (cont.)
Input Current
–3.25
±3.25
mA
per
Figure 20 and 22;
power on or off
Current w/100Ω Termination
±60.75
mA
per
Figure 23 and 24
Input Impedance
4
kΩ
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
Using C
L = 50pF;
t
PHL
30
50
ns
per
Figures 33 and 38
t
PLH
30
50
ns
per
Figures 33 and 38
Skew (|t
PHL - tPLH|)
2
5
ns
per
Figure 33
Max.Transmission Rate
40
Mbps
Channel to Channel Skew
2
ns
V.35 DRIVER
DC Parameters
Outputs
Test Terminated Voltage
±0.44
±0.66
Volts
per
Figure 25
Offset
±0.6
Volts
per
Figure 25
Output Overshoot
-0.2V
ST
+0.2V
ST
Volts
per
Figure 25; V
ST = Steady state value
Source Impedance
50
150
per
Figure 27; Z
S = V2/V1 x 50
Short-Circuit Impedance
135
165
per
Figure 28
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
7
20
ns
per
Figure 29; 10% to 90%
Propagation Delay
t
PHL
30
50
ns
per
Figures 33 and 36; C
L = 20pF
t
PLH
30
50
ns
per
Figures 33 and 36; C
L = 20pF
Differential Skew
2
5
ns
per
Figures 33 and 36; C
L = 20pF
(|t
PHL - tPLH|)
Max.Transmission Rate
40
Mbps
Channel to Channel Skew
2
ns
V.35 RECEIVER
DC Parameters
Inputs
Sensitivity
±50
+100
mV
Source Impedance
90
110
per
Figure 30; Z
S = V2/V1 x 50Ω
Short-Circuit Impedance
135
165
per
Figure 31
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
30
50
ns
per
Figures 33 and 38; C
L = 20pF
t
PLH
30
50
ns
per
Figures 33 and 38; C
L = 20pF
Skew (|t
PHL - tPLH|)
2
5
ns
per
Figure 33; C
L = 20pF
Max.Transmission Rate
40
Mbps
Channel to Channel Skew
2
ns
TRANSCEIVER LEAKAGE CURRENT
Driver Output 3-State Current
500
µA
per Figure 32; Drivers disabled
Rcvr Output 3-State Current
1
10
µAT
X & RX disabled, 0.4V - VO - 2.4V
POWER REQUIREMENTS
V
CC
4.75
5.00
5.25
Volts
I
CC (Shutdown Mode)
1
µA
All I
CC values are with VCC = +5V
(V.28/RS-232)
95
mA
f
IN = 120kbps; Drivers active & loaded
(V.11/RS-422)
230
mA
f
IN = 10Mbps; Drivers active & loaded
(EIA-530 & RS-449)
270
mA
f
IN = 10Mbps; Drivers active & loaded
(V.35)
170
mA
V.35 @ f
IN = 10Mbps, V.28 @ 20kbps
(EIA-530A)
200
mA
f
IN = 10Mbps; Drivers active & loaded
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com