Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP522 Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP522
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP522 Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP522 Datasheet HTML 15Page - Sipex Corporation SP522 Datasheet HTML 16Page - Sipex Corporation SP522 Datasheet HTML 17Page - Sipex Corporation SP522 Datasheet HTML 18Page - Sipex Corporation SP522 Datasheet HTML 19Page - Sipex Corporation SP522 Datasheet HTML 20Page - Sipex Corporation SP522 Datasheet HTML 21Page - Sipex Corporation SP522 Datasheet HTML 22Page - Sipex Corporation SP522 Datasheet HTML 23Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
44 PIN MQFP (MS-022 BC)
L1
5°-16°
0° MIN.
0°–7°
5°-16°
L
0.30" RAD. TYP.
0.20" RAD. TYP.
c
E1
1
D1
D
CL
CL
-B-
-D-
-A-
1
E
e
Seating
Plane
A1
A
A
b
A2
D2
E2
1
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
D2
E
E1
E2
e
N
44–PIN MQFP
JEDEC MS-022
(AB) Variation
MIN
NOM
MAX
2.45
0.00
0.25
1.80
2.00
2.20
0.29
0.45
13.20 BSC
10.00 BSC
8.00 REF
13.20 BSC
10.00 BSC
8.00 REF
0.80 BSC
44
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c
0.11
23.00
L
0.73
0.88
1.03
L1
1.60 BASIC
PACKAGE: 44 Pin MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com