Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP506RB Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP506RB
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506RB Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP506RB Datasheet HTML 2Page - Sipex Corporation SP506RB Datasheet HTML 3Page - Sipex Corporation SP506RB Datasheet HTML 4Page - Sipex Corporation SP506RB Datasheet HTML 5Page - Sipex Corporation SP506RB Datasheet HTML 6Page - Sipex Corporation SP506RB Datasheet HTML 7Page - Sipex Corporation SP506RB Datasheet HTML 8Page - Sipex Corporation SP506RB Datasheet HTML 9Page - Sipex Corporation SP506RB Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Figure 4. SP506 DTE/DCE Programmable Configuration
10
µF10µF
10
µF
27 26
30
28
31
32
1N5819, MBRS140T3, or equiv.
VCC
VDD
C1-
C2-
VSS
C1+
C2+
10
µF
61
59
SP506CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
10
µF
DB-25 Connector Pins & Signals [DTE/DCE]
2
TXD(a)/RXD(a)
14
TXD(a)/RXD(b)
20
DTR(a)/DSR(a)
23
DTR(b)/DSR(b)
19
RTS(b)/CTS(b)
4
RTS(a)/CTS(b)
11
TXCE(b)/TXC(b)
18
LL/TM
15
*TXC(a)/RXC(a)
12
*TXC(b)/RXC(b)
DEC0
DEC1
DEC2
DEC3
9
10
11
12
SCTEN
TREN
SDEN
Various VCC pins
(Refer to SP506
Datasheet)
24
TXCE(a)/TXC(a)
3
RXD(a)/TXD(a)
16
RXD(b)/TXD(b)
8
DCD(a)/RL or DCD(a)**
10
DCD(b)/DCD(b)
Various GND pins (Refer to SP506 Datasheet)
7
SIGNAL GND (#102)
13
CTS(b)/RTS(b)
6
DSR(a)/DTR(a)
22
DSR(b)/DTR(b)
9
RXC(b)/TXCE(b)
5
CTS(a)/RTS(a)
17
RXC(a)/TXCE(a)
RSEN
RLEN
LLEN
STEN
TTEN
2
3
4
18
5
23
12
7
LATCH
8
GND
* - Driver applies for DCE only on pins 24 and 11. Receiver applies for DTE
only on pins 24 and 11.
** - RL may not be required in some applications and DCD may be required
to be bi-directional. If RL is not required The RL is replaced by DCD(a)
and the #140_DCE is replaced by #109_DCE. The RL driver of the
SP505 will not be in use during DCE mode in this case.
+5V
#103_DTE/#104_DCE
#108_DTE/#107_DCE
#105_DTE/#106_DCE
#114_DTE/#114_DCE
#141_DTE/#142_DCE
#104_DTE/#103_DCE
#115_DTE/#113_DCE
#106_DTE/#105_DCE
#107_DTE/#108_DCE
#109_DTE/#140_DCE**
#142_DTE/#141_DCE
I/O Lines represented by double arrowhead signifies a bi-directional bus.
Input Line
Output Line
#113_DTE/#115_DCE
Optional bi-directional line; if RL (#140) is used, the driver output, RL(a), can go directly to pin. 21, Remote Loopback, of the DB-25.
The RLEN enable pin, if RL is used, can be permanently enabled by tying it to GND.
25
TM/LL
M1 (V.28_Enable)
Mode_Enable
M2 (V.11_Enable)
M0
M3
Mode Selection
M3
M2
M1
M0
Physical Layer
0
0
0
0
SHUTDOWN
0
1
0
0
X.21 (V.11)
0
0
1
0
RS-232 (V.28)
1
1
0
0
RS-449 (V.11 & V.10)
1
1
0
1
EIA-530 (V.11 & V.10)
1
1
1
0
V.35 (V.35 & V.28)
1
1
1
1
EIA-530A (V.11 & V.10)
Mode
Enable
DCE/DTE Control
#140_DTE/#109_DCE
21
RL/DCD(a)**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com