Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6120 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6120 Datasheet HTML 1Page - Sipex Corporation SP6120 Datasheet HTML 2Page - Sipex Corporation SP6120 Datasheet HTML 3Page - Sipex Corporation SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: 3.0V < VCC <5.5V, 3.0V < BST < 13.2, ROSC = 18.7kΩ, CCOMP = 0.1µF, CSS = 0.1µF, ENABLE = 3V,
CGH = CGL = 3.3nF, VFB = 1.25V, ISP = ISN = 1.25V, SWN = GND = PGND = 0V, -40°C < TAMB <85°C (Note 1)
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
M
S
T
I
N
U
T
R
A
T
S
T
F
O
S
t
n
e
r
r
u
C
e
g
r
a
h
C
S
SV S
S
V
5
.
1
=5
20
50
7
µA
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
S
SV S
S
V
5
.
1
=2
5
7
µA
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
P
M
O
CV
P
M
O
C
d
e
t
a
i
t
i
n
I
t
l
u
a
F
,
V
5
.
0
=0
0
20
0
5-
µA
e
g
a
t
l
o
V
p
m
a
l
C
P
M
O
CV B
F
V
,
V
0
.
1
<
S
S
V
5
.
2
=1
.
24
.
28
.
2
V
d
l
o
h
s
e
r
h
T
k
O
S
S
8
.
10
.
22
.
2
V
t
e
s
e
R
t
l
u
a
F
S
S
2
.
05
2
.
03
.
0
V
e
g
a
t
l
o
V
p
m
a
l
C
S
S
1
.
24
.
28
.
2
V
S
R
O
T
A
R
A
P
M
O
C
T
N
E
R
R
U
C
O
R
E
Z
&
T
N
E
R
R
U
C
R
E
V
O
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
C
r
e
v
O
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
li
a
R
o
t
li
a
R
2
33
44
5V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
P
S
I
,
N
S
I
-0
60
5
2
A
n
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
C
o
r
e
ZN
S
I
V
-
P
S
I
V2
V
m
O
L
V
U
/
E
L
B
A
N
E
V C
C
d
l
o
h
s
e
r
h
T
t
r
a
t
S
5
7
.
25
8
.
25
9
.
2
V
V C
C
d
l
o
h
s
e
r
h
T
p
o
t
S
5
6
.
25
7
.
29
.
2
V
V C
C
s
i
s
e
r
e
t
s
y
H
0
0
1V
m
d
l
o
h
s
e
r
h
T
e
l
b
a
n
E
5
6
.
0
1
.
1
5
4
.
1
V
t
n
e
r
r
u
C
e
c
r
u
o
S
n
i
P
e
l
b
a
n
E
6
.
04
9
µA
R
E
V
I
R
D
E
T
A
G
e
m
i
T
e
s
i
R
H
GV C
C
V
5
.
4
>
-0
40
1
1s
n
e
m
i
T
ll
a
F
H
GV C
C
V
5
.
4
>
-0
40
1
1s
n
e
m
i
T
e
s
i
R
L
GV C
C
V
5
.
4
>
-0
40
1
1s
n
e
m
i
T
ll
a
F
L
GV C
C
V
5
.
4
>
-0
40
1
1s
n
e
m
i
T
p
a
l
r
e
v
O
-
n
o
N
L
G
o
t
H
GV C
C
V
5
.
4
>
0
6s
n
e
m
i
T
p
a
l
r
e
v
O
-
n
o
N
H
G
o
t
L
GV C
C
V
5
.
4
>
0
6s
n
Note 1: Specifications to -40°C are guaranteed by design, characterization and correlation with statistical process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com