Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62095 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62095
Description  4-A High Efficiency Step Down Converter with DCS-Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62095 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62095 Datasheet HTML 9Page - Texas Instruments TLV62095 Datasheet HTML 10Page - Texas Instruments TLV62095 Datasheet HTML 11Page - Texas Instruments TLV62095 Datasheet HTML 12Page - Texas Instruments TLV62095 Datasheet HTML 13Page - Texas Instruments TLV62095 Datasheet HTML 14Page - Texas Instruments TLV62095 Datasheet HTML 15Page - Texas Instruments TLV62095 Datasheet HTML 16Page - Texas Instruments TLV62095 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
OUT
OUT
FB
V
V
R1 = R2
1
= R2
1
V
0.8V
æ
ö
æ
ö
´
-
´
-
ç
÷
ç
÷
è
ø
è
ø
FB
FB
V
0.8 V
R2 =
=
160 k
I
5 A
»
OUT
FB
R1
R1
V
= V
1 +
= 0.8 V
1 +
R2
R2
æ
ö
æ
ö
´
´
ç
÷
ç
÷
è
ø
è
ø
13
TLV62095
www.ti.com
SLVSDD3 – MARCH 2016
Product Folder Links: TLV62095
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.1.2.3
Input and Output Capacitor Selection
For best output and input voltage filtering, low ESR (X5R or X7R) ceramic capacitors are recommended. The
input capacitor minimizes input voltage ripple, suppresses input voltage spikes and provides a stable system rail
for the device. A 22-
μF or larger input capacitor is recommended. The output capacitor value can range from 10
μF up to 150 μF and beyond. Load transient testing and measuring the bode plot are good ways to verify stability
with larger capacitor values.
The recommended typical output capacitor value is 2 x 22
μF (nominal) and can vary over a wide range as
outline in the output filter selection table. Ceramic capacitor have a DC-Bias effect, which has a strong influence
on the final effective capacitance. Choose the right capacitor carefully in combination with considering its
package size and voltage rating.
8.2.1.2.4
Setting the Output Voltage
The output voltage is set by an external resistor divider according to the following equations:
(7)
(8)
(9)
When sizing R2, in order to achieve low quiescent current and acceptable noise sensitivity, use a minimum of 5
µA for the feedback current IFB. Larger currents through R2 improve noise sensitivity and output voltage
accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com