Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP505EK Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP505EK
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505EK Datasheet(HTML) 3 Page - Sipex Corporation

  SP505EK Datasheet HTML 1Page - Sipex Corporation SP505EK Datasheet HTML 2Page - Sipex Corporation SP505EK Datasheet HTML 3Page - Sipex Corporation SP505EK Datasheet HTML 4Page - Sipex Corporation SP505EK Datasheet HTML 5Page - Sipex Corporation SP505EK Datasheet HTML 6Page - Sipex Corporation SP505EK Datasheet HTML 7Page - Sipex Corporation SP505EK Datasheet HTML 8Page - Sipex Corporation SP505EK Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Figure 2. SP506 DTE Configuration
10
µF10µF
10
µF
27 26
30
28
31
32
1N5819, MBRS140T3, or equiv.
VCC
VDD
C1-
C2-
VSS
C1+
C2+
10
µF
61
59
SP506CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
10
µF
DB-25 Connector Pins & Signals
2
TXD(a)
14
TXD(b)
20
DTR(a)
23
DTR(b)
19
RTS(b)
4
RTS(a)
11
TXCE(b)
18
LL
n/a
n/a
DEC0
DEC1
DEC2
DEC3
9
10
11
12
SCTEN
TREN
SDEN
Various VCC pins
(Refer to SP506
Datasheet)
24
TXCE(a)
3
RXD(a)
16
RXD(b)
8
DCD(a)
10
DCD(b)
Various GND pins (Refer to SP506 Datasheet)
7
SIGNAL GND
13
CTS(b)
6
DSR(a)
22
DSR(b)
9
RXC(b)
5
CTS(a)
17
RXC(a)
15
TXC(a)
12
TXC(b)
RSEN
RLEN
LLEN
STEN
TTEN
2
3
4
18
5
23
12
7
+5V
LATCH
8
GND
+5V
#103
#108
#105
#113
#141
#104
#115
#106
#107
#109
#142
#114
21
RL
25
TM
#140
M1 (V.28_Enable)
Mode_Enable
M2 (V.11_Enable)
M0
M3
Mode Selection
M3
M2
M1
M0
Physical Layer
0
0
0
0
SHUTDOWN
0
1
0
0
X.21 (V.11)
0
0
1
0
RS-232 (V.28)
1
1
0
0
RS-449 (V.11 & V.10)
1
1
0
1
EIA-530 (V.11 & V.10)
1
1
1
0
V.35 (V.35 & V.28)
1
1
1
1
EIA-530A (V.11 & V.10)
Mode
Enable
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com