Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6120EY/TR Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP6120EY/TR
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120EY/TR Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP6120EY/TR Datasheet HTML 14Page - Sipex Corporation SP6120EY/TR Datasheet HTML 15Page - Sipex Corporation SP6120EY/TR Datasheet HTML 16Page - Sipex Corporation SP6120EY/TR Datasheet HTML 17Page - Sipex Corporation SP6120EY/TR Datasheet HTML 18Page - Sipex Corporation SP6120EY/TR Datasheet HTML 19Page - Sipex Corporation SP6120EY/TR Datasheet HTML 20Page - Sipex Corporation SP6120EY/TR Datasheet HTML 21Page - Sipex Corporation SP6120EY/TR Datasheet HTML 22Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
In some applications, it may be desirable to
extend the current sense capability of a given
RSEN element (usually the inductor ESR) be-
yond the limit set by the 43mV threshold.
A straight forward way to do this would be to
add a resistor RS2 in parallel with CS, creating a
voltage divider with RS. This changes the rela-
tionship with RS and CS to be
C
S = 2
L1
ESR R
S //RS2
Using a voltage divider across the inductor, the
new relationship becomes:
I
LIM =
43mV R
S + RS2
ESR
R
S2
To calculate RS2, the formula becomes
R
S2 = RS
/(
I
LIMESR – 1
)
43mV
RS
CS
L
VOUT
SWN
RS2
ESR
ISP
ISN
Figure 20: Current Sensing
Figures 21(A), a voltage divider connected to the V
FB pin programs the output voltageand 21(B), a simple circuit using
one external voltage reference programs the output voltages to less than 1.25V.
®
®
®
®
R1
R2
R2
R1
R3
AB
VREF
VFB
VFB
VOUT < 1.25V
VOUT > 1.25V
SP6120
SP6120
Output Voltage Programming
As shown in Figure 21(A), the voltage divider
connecting to the VFB pin programs the output
voltage according to
V
OUT = 1.25( 1 +
R
1 )
R
2
where 1.25V is the internal reference voltage.
Select R2 in the range of 10k to 100k, and R1 can
be calculated using
R
1 =
R
2(VOUT – 1.25)
1.25
For output voltage less than 1.25V, a simple
circuit shown in Figure 21(B) can be used in
which VREF is an external voltage reference
greater than 1.25V. For simplicity, use the same
resistor value for R1 and R2, then R3 is deter-
mined as follows,
R
3 =
(V
REF – 1.25)R1
2.5 – V
OUT
APPLICATIONS INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com