Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6122ACU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6122ACU
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122ACU Datasheet(HTML) 5 Page - Sipex Corporation

  SP6122ACU Datasheet HTML 1Page - Sipex Corporation SP6122ACU Datasheet HTML 2Page - Sipex Corporation SP6122ACU Datasheet HTML 3Page - Sipex Corporation SP6122ACU Datasheet HTML 4Page - Sipex Corporation SP6122ACU Datasheet HTML 5Page - Sipex Corporation SP6122ACU Datasheet HTML 6Page - Sipex Corporation SP6122ACU Datasheet HTML 7Page - Sipex Corporation SP6122ACU Datasheet HTML 8Page - Sipex Corporation SP6122ACU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
BLOCK DIAGRAM
+
-
-
+
-
+
-
+
PFET
Driver
Driver
Logic
S
Q
R
Reset
Dominant
S
Q
R
200ns Blanking
One Shot
ENABLE
ISET
VOUT
ISENSE
Reference
5
4
3
6
SS
1.25V
Reference
Comparator
1V
FFLAG
2
7
GND
8
1
PFET OFF
RESET
Dominant
PFET OFF
FAULT
+
-
X 3.3
500mV
(3800 ppm/°C)
PDRV
TON
Min On Time Clock
PDRV
VCC
Loop
Latch
QB
VOUT * K1
Soft Start Clock
S
Q
R
Run
Latch
QB
S
R
SS
Latch
QB
Reset
Dominant
Start On Time
Soft Start
Reset
Dominant
POR
X K1
Over Current
(Gated S&H)
POR
ISET < 1V
Low IQ
ISET
ISENSE
POR
Blank
20µA
(4300 ppm/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com