Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128AB Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation SP6128AB Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
EFFICIENCY ON THE DIFFERENT OUTPUT VOLTAGE
Input voltage
Output voltage
Output current
Efficiency
Internal Trim resistor
3.0-5.5V
0.9V
10A
82%
80.6K
3.0-5.5V
1V
10A
84%
40.2K
3.0-5.5V
1.2V
10A
86%
20.5K
3.0-5.5V
1.5V
10A
88%
11.8K
3.0-5.5V
1.8V
10A
90.5%
8.06K
3.0-5.5V
2.0V
10A
90.5%
6.81K
3.0-5.5V
2.5V
10A
92.7%
4.75K
4.5-5.5V
3.3V
10A
94.5%
3.24K
SIGNAL PROCESSING EXCELLENCE
Headquarters and sales office
22 Linnell Circle
Billerica,MA 01821
TEL:978-667-8700
FAX:978-670-9001
E-mail: sales@sipex.com
Sales office
233 South Hillview Drive
Milpitas,CA 95035
TEL:408-934-7500
FAX:408-935-7600
Application support
Jack Ni
TEL:978-671-4644
Email: jni@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com