Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8501 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8501
Description  50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15.5 dB From 2 GHz to 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8501 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8501_13 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8501_13 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8501_13 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15.5 dB From 2 GHz to 4 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15.5 dB From 2 GHz to
4 GHz PE8501
URL: http://www.pasternack.com/50-ohm-sma-noise-source-output-15.15-db-2000-mhz-4000-mhz-pe8501-p.aspx
PE8501
PE8501 REV 1.0
50 Ohm BNC Medium Power Noise Source With A Noise
Output ENR Of 15.5 dB From 2 GHz to 4 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com