Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDBCT360-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBCT360-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBCT360-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBCT360-HF Datasheet HTML 1Page - Comchip Technology ACDBCT360-HF Datasheet HTML 2Page - Comchip Technology ACDBCT360-HF Datasheet HTML 3Page - Comchip Technology ACDBCT360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
REV:B
AQW-JB002
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Parameter
Unit
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Non-repetitive peak reverse voltage
Average forward current
Operating junction temperature range
Storage temperature
Symbol
ACDBCT320-HF
ACDBCT340-HF
ACDBCT360-HF
VRM
IF(AV)
IFSM
TJ
TSTG
20
40
3
100
-55 to +125
-55 ~ +150
60
V
A
A
°C
°C
Parameter
Unit
Electrical Characteristics (At Ta=25°C, unless otherwise noted)
Reverse peak reverse current
Forward voltage (Note1)
Symbol
Typ.
Max.
mA
V
ºC/W
Conditions
ACDBCT320-HF
ACDBCT340-HF
ACDBCT360-HF
Junction to lead (Note 2)
IRRM
VF
0.5
0.33
0.38
0.47
0.38
0.48
0.65
VR=Max.VRRM, Ta=25°C
ACDBCT3100-HF
100
Peak forward surge current
@8.3ms single half sine-wave
-55 to +150
IF=0.5A
IF=1.0A
IF=3.0A
IF=0.5A
IF=1.0A
IF=3.0A
ACDBCT3100-HF
IF=0.5A
IF=1.0A
IF=3.0A
Min.
0.50
0.70
0.48
0.58
0.78
0.85
Type
Junction capacitance
pF
Cj
VR=4V, f=1.0MHz
0.025
17
180
Thermal resistance
RΘJA
Junction to ambient (Note 2)
55
RΘJL
ºC/W
Notes: (1) Pulse test width pw=300usec, 1% duty cycle.
(2)Mounted on P.C. board with 0.2*0.2”(5.0*5.0mm) copper pad areas.
Forward current: 3.0A
Reverse voltage: 20 to 100V
RoHS Device
Features
- Low power loss, High efficiency.
- High current capability, low VF
Mechanical Data
- Polarity: Laser cathode band marking.
- Weight: 0.093 grams (approx).
Halogen Free
- Plastic package has UL 94V-0.
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free), solderable
per MIL-STD-750, method 2026.
ACDBCT320-HF Thru. ACDBCT3100-HF
Circuit diagram
- Lead less chip form, no lead damage.
- Comply with AEC-Q101
SMD Schottky Barrier Diode
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Dimensions in inches and (millimeter)
0.319(8.10)
0.311(7.90)
0.201(5.10)
0.193(4.90)
0.081(2.05)
0.073(1.85)
0.081(2.05)
0.073(1.85)
0.037(0.95)
0.049(1.25)
R0
.03
2(0
.82
)
3220
R0
.03
1(0
.78
)
0.154(3.90)
Typ.
/


Similar Part No. - ACDBCT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBC340-HF COMCHIP-ACDBC340-HF Datasheet
109Kb / 4P
SMD Schottky Barrier Diode
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBC560-HF COMCHIP-ACDBC560-HF Datasheet
110Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBCT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com