Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6648 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6648 Datasheet HTML 1Page - Sipex Corporation SP6648 Datasheet HTML 2Page - Sipex Corporation SP6648 Datasheet HTML 3Page - Sipex Corporation SP6648 Datasheet HTML 4Page - Sipex Corporation SP6648 Datasheet HTML 5Page - Sipex Corporation SP6648 Datasheet HTML 6Page - Sipex Corporation SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
SP6648
FEATURES
■ Ultra-low 12µA Quiescent Current
■ 400mA Output Current at 2.6V Input: 3.3VOUT
■ 94% Efficiency from 2 cell to 3.3VOUT
■ Wide Input Voltage Range: 0.95V to 4.5V
■ 3.3V Fixed or Adjustable Output
■ Integrated Synchronous Rectifier: 0.3Ω
■ 0.3Ω Switch
■ Anti-Ringing Switch Technology
■ Programmable Inductor Peak Current
■ Logic Shutdown Control
■ Under Voltage Lock-Out at 0.61V
■ Programmable Low Battery Detect
■ Single or Dual Cell Alkaline
■ Small 10 pin DFN Package and Industry
Standard 10 pin MSOP
Ultra-low Quiescent Current,
High Efficiency Boost Regulator
APPLICATIONS
■ Camera Flash LED Driver
■ Wireless Mouse
■ PDA's
■ Pagers
■ Medical Monitors
■ Handheld Portable Devices
■ MP3 Players
DESCRIPTION
The SP6648 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for
single cell, dual cell alkaline and Li-Ion battery applications such as digital still cameras, PDA’s,
MP3 players, and other portable devices. The SP6648 combines the high delivery associated
with PWM control, and the low quiescent current and excellent light-load efficiency of PFM control.
The SP6648 features 12µA quiescent current, synchronous rectification, a 0.3Ω charging switch,
anti-ringing inductor switch, programmable low battery detect, under-voltage lockout and
programmable inductor peak current. The device can be controlled by a 1nA active LOW
shutdown pin.
®
205K
10µH
3.3VOUT
VBATT
47µF
SP6648
VBATT
LBON
RLIM
SHDN
FB
LX
LBI
VOUT
PGND
GND
47pF
47µF
1µF
+
10
9
8
7
6
+
LBI
SHDN
1.87K
1
2
3
4
5
LBON
124K
TYPICAL APPLICATION CIRCUIT
0
50
100
150
200
250
300
350
400
450
500
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vin (V)
Vout=3.3V, Ipk=0.85A
Vout=5.0V, Ipk=0.85A
Maximum Load Current in Operation
SP6648
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
VBATT
LBI
LBON
RLIM
SHDN
V
OUT
LX
P
GND
GND
FB
Now Available in Lead Free Packaging


Similar Part No. - SP6648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648 Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Sipex Corporation
SP6648EB SIPEX-SP6648EB Datasheet
125Kb / 4P
Evaluation Board Manual
SP6648ER SIPEX-SP6648ER Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results

Similar Description - SP6648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6649 SIPEX-SP6649 Datasheet
139Kb / 9P
Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
logo
Sipex Corporation
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com