Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6650 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6650
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6650 Datasheet HTML 1Page - Sipex Corporation SP6650 Datasheet HTML 2Page - Sipex Corporation SP6650 Datasheet HTML 3Page - Sipex Corporation SP6650 Datasheet HTML 4Page - Sipex Corporation SP6650 Datasheet HTML 5Page - Sipex Corporation SP6650 Datasheet HTML 6Page - Sipex Corporation SP6650 Datasheet HTML 7Page - Sipex Corporation SP6650 Datasheet HTML 8Page - Sipex Corporation SP6650 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
High Efficiency 600mA Synchronous Buck Regulator
Ideal for portable designs powered with Li Ion battery
SP6650
FEATURES
■ 95% High Efficiency
■ Proprietary Control Loop
■ 2.7V to 6.5V Input Voltage Range
■ 3.3V or Adjustable Output Voltage
Range
■ 2% Output Voltage Accuracy
■ 600mA Output Current
■ 100% Duty Cycle Operation
■ Programmable Inductor Peak Current
Limit (0.95A or 0.5A)
■ No External FET's Required
■ 3V Battery Low Indicator
■ 2.7V Undervoltage Lockout
■ Shutdown Control
■ Small 10-Pin MSOP
The SP6650 is ideal for portable applications that use a Li-Ion or 3 to 4 cell alkaline/NiCd/NiMH
input. The SP6650 extends battery life with it’s unique control loop scheme (patent pending),
which maintains high efficiency levels (> than 90%) over a wide range of output currents. Features
such as Inductor peak current control, protects the power supply from overload or short circuit
conditions, controls the startup current to prevent output overshoot and excessive battery drop,
and gives the user more flexibility in choosing an appropriate coil to optimize solution cost, size
and performance. Other features include a dedicated pin for manual shutdown, a battery low
indicator, and thermal protection.
TYPICAL APPLICATIONS CIRCUIT
®
RB
100kΩ
2.7-6.5 VDC
3.3V or 1.25V
to 5.0V
SP6650
10
9
8
7
6
1
2
3
4
5
R1
10Ω
C1
1µF
C2
47µF
L1 22µH
VOUT
C3
47µF
R2
164k
R3
100k
C4
470pF
PVIN
VIN
BLON
ILIM
SHDN
LX
PGND
GND
VOUT
FB
®
®
R4
100kΩ
DESCRIPTION
APPLICATIONS
■ PDA
■ CD Player
■ ADSL Modem
■ Digital Still Camera
Now Available in Lead Free Packaging
PVIN
VIN
BLON
ILIM
SHDN
SP6650
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
LX
PGND
GND
VOUT
FB


Similar Part No. - SP6650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650EB SIPEX-SP6650EB Datasheet
61Kb / 6P
Evaluation Board Manual
SP6650EU SIPEX-SP6650EU Datasheet
61Kb / 6P
Evaluation Board Manual
SP6650UEB SIPEX-SP6650UEB Datasheet
61Kb / 6P
Evaluation Board Manual
More results

Similar Description - SP6650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
600mA Linear Li-Ion Battery Charger
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
600mA, Single Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com