Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6650UEB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6650UEB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650UEB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6650UEB Datasheet HTML 1Page - Sipex Corporation SP6650UEB Datasheet HTML 2Page - Sipex Corporation SP6650UEB Datasheet HTML 3Page - Sipex Corporation SP6650UEB Datasheet HTML 4Page - Sipex Corporation SP6650UEB Datasheet HTML 5Page - Sipex Corporation SP6650UEB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 3/23/01
SP6650 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
2
RB
100k
VIN 2.7-6.5 VDC
SP6650
10
9
8
7
6
1
2
3
4
5
RVIN
10.0
CVIN
1.0
µF
L1 22
µH
VOUT 3.3V
COUT
47
µF
RF
OPEN
R1
100k
PVIN
VIN
BLON
ILIM
SHDN
LX
PGND
GND
VOUT
FB
CIN
47
µF
3
2
1
3
2
1
®
®
D1*
MBR0540TI
Figure 1. SP6650 Evaluation Board Schematic
The SP6650 Evaluation Board provides conve-
nient test points to connect the input to Power
Supply or Li-Ion Battery. The Input and Output
connections are made with raised female pin
receptacles which can accommodate easy-hook
connection leads for power and meter connec-
tions, as well as scope probe hooks and grounds
for waveform measurements.
USING THE EVALUATION BOARD
1) Powering Up the SP6650 Circuit
The SP6650 Evaluation Board can be powered
from a single Li-Ion battery or a +2.7 to +6.5V
power supply. Connect with short leads directly
to the “VIN”and“GND”posts.NotetheSP6650
will remain in “shutdown” until pin 2 of the
Jumper J2 is applied to the GND.
2) I LIM Programming
Connect pin 4 of the SP6650 to VIN for 0.8 A
peak Inductor current limit (pins 2,3 of the
Jumper J2).
Connect pin 4 of the SP6650 to GND for 0.35
A peak Inductor current limit (pins 1,2 of the
Jumper J2).
3) V
OUT Programming
To control the output voltage externally con-
nect the appropriate resistors (Table 1)
From pin 6 SP6650 FB to V
OUT and to the
GND.
Tie Pin 6 FB to the 100k resistor or to the
GND and controller will use the internal
network for a preset output Voltage of 3.3V.
For V
OUT different from shown in the Table
1, use equation:
RF =
(VOUT –1)R1
1.25
(For V
OUT > 3.3V, RF = 50k recommended)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com