Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6654 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6654 Datasheet HTML 1Page - Sipex Corporation SP6654 Datasheet HTML 2Page - Sipex Corporation SP6654 Datasheet HTML 3Page - Sipex Corporation SP6654 Datasheet HTML 4Page - Sipex Corporation SP6654 Datasheet HTML 5Page - Sipex Corporation SP6654 Datasheet HTML 6Page - Sipex Corporation SP6654 Datasheet HTML 7Page - Sipex Corporation SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Date: 05/25/04
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1PVIN
Input voltage power pin. Inductor charging current passes through this pin.
2VIN
Internal supply voltage. Control circuitry powered from this pin.
3
PWRGD
Open drain Power Good indicator. If VFB is less than 750mV this pin is
pulled to ground. When VFB is above 750mV this pin is open. Connect
a resistor from this pin to VIN or VOUT to create a logic signal.
4D1
Digital mode control input. See table I for definition.
5D0
Digital mode control input. See table I for definition.
6FB
External feedback network input connection. Connect a resistor from
FB to ground and FB to VOUT to set the output voltage. This pin
regulates to the internal bandgap reference voltage of 0.8V.
7VOUT
Output voltage sense pin. Used by the timing circuit to set minimum on
and off times.
8
GND
Internal ground pin. Control circuitry returns current to this pin.
9PGND
Power ground pin. Synchronous rectifier current returns through this pin.
10
LX
Inductor switching node. Inductor tied between this pin and the output
capacitor to create regulated output voltage.
FUNCTIONAL DIAGRAM
D1
D0
00
Shutdown. All internal circuitry is disabled and the power switches are opened.
01
Device enabled, falling UVLO threshold =2.70V
10
Device enabled, falling UVLO threshold =2.85V
11
Device enabled, falling UVLO threshold =3.00V
Table 1. Operating Mode Definition
FB
Zero_X
DRVON
Q
R
Q
S
Min Ton
PWR
GD
D0
PV
IN
OVR_I
MIN Ton
OVR_I
K
OFF/VOUT
Vin
LX
T
OFF =
UVLO
BLANK = Tblank(=100ns) or Toff = Koff/Vout
ILIM/M
REF
1
VOLOW
_
FB
+-
V
RAMP
RST
P
GND
TSD
BLANK
750mV
+
-
C
UVLO
TONOVER
Internal Supply
REF'
OVR_I
V
OUT
+
-
C
DRVON
BLANK
ILIM/M
D1
VOLOW
+
-
C
TONOVER
Min Ton = K
ON/(VIN -VOUT)
Ref
One-Shot
DRVON
+
-
C
Block
FB'
GND
REF
M
+-
Vos
DRIVER
DRVON
=100ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com