Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6655ER Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6655ER
Description  High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655ER Datasheet(HTML) 5 Page - Sipex Corporation

  SP6655ER Datasheet HTML 1Page - Sipex Corporation SP6655ER Datasheet HTML 2Page - Sipex Corporation SP6655ER Datasheet HTML 3Page - Sipex Corporation SP6655ER Datasheet HTML 4Page - Sipex Corporation SP6655ER Datasheet HTML 5Page - Sipex Corporation SP6655ER Datasheet HTML 6Page - Sipex Corporation SP6655ER Datasheet HTML 7Page - Sipex Corporation SP6655ER Datasheet HTML 8Page - Sipex Corporation SP6655ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Date: 7/12/04
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
3.5
4.0
4.5
5.0
Vin (V)
Vout = 3.3V
Measured
Vout = 3.3V
Calculated
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Vin (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Vin (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Vin (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Vin (V)
K
ON vs VIN, VOUT=3.3V
K
ON vs VIN, VOUT=1.5V
K
OFF vs VIN, VOUT=3.3V
K
OFF vs VIN, VOUT=1.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the typical application schematic, TAMB= +27°C
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
3.4
3.8
4.2
4.6
5.0
Vin (V)
Vout = 1.5V
Measured
Vout = 1.5V
Calculated
Ripple Frequency vs. V
IN, IOUT=0.4A, VOUT=3.3V
Ripple Frequency vs. V
IN, IOUT=0.4A, VOUT=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com