Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6656ER Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP6656ER
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656ER Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP6656ER Datasheet HTML 9Page - Sipex Corporation SP6656ER Datasheet HTML 10Page - Sipex Corporation SP6656ER Datasheet HTML 11Page - Sipex Corporation SP6656ER Datasheet HTML 12Page - Sipex Corporation SP6656ER Datasheet HTML 13Page - Sipex Corporation SP6656ER Datasheet HTML 14Page - Sipex Corporation SP6656ER Datasheet HTML 15Page - Sipex Corporation SP6656ER Datasheet HTML 16Page - Sipex Corporation SP6656ER Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Part Number
Operating Temperature Range
Top Mark
Package Type
SP6656ER ............................ -40°C to +85°C ............................ SP6656ERYWW ...................... 10 Pin DFN
SP6656ER/TR ...................... -40°C to +85°C ............................ SP6656ER/TRYWW ................ 10 Pin DFN
/TR = Tape and Reel
Pack quantity is 3,000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6656ER/TR = standard; SP6656ER-L/TR = lead free
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com