Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACGRAT101-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACGRAT101-HF
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACGRAT101-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACGRAT101-HF Datasheet HTML 1Page - Comchip Technology ACGRAT101-HF Datasheet HTML 2Page - Comchip Technology ACGRAT101-HF Datasheet HTML 3Page - Comchip Technology ACGRAT101-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQW-JG001
RATING AND CHARACTERISTIC CURVES (ACGRAT101-HF thru. ACGRAT105-HF)
Comchip Technology CO., LTD.
Page 2
REV:B
SMD General Purpose Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.00
1.50
0.75
0.50
0.25
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE, (°C)
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
30
25
15
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.01
20
0.10
1.0
10
100
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
0.1
200
1.0
10
100
10
100
1
RESISTIVE OR
INDUCTIVE LOAD
60Hz
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com