Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPDUC24V-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDUC24V-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDUC24V-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDUC24V-HF Datasheet HTML 1Page - Comchip Technology ACPDUC24V-HF Datasheet HTML 2Page - Comchip Technology ACPDUC24V-HF Datasheet HTML 3Page - Comchip Technology ACPDUC24V-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDUC24V-HF
Page 1
AQW-G7008
REV:A
Comchip Technology CO., LTD.
Features
- Bi-diretional ESD protection.
- Surface mount package.
- High component density.
Mechanical data
- Case: 0603C/SOD-523F standard package,
molded plastic.
- Terminals: Matte tin plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.003 grams(approx.).
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Clamping voltage
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
ESD capability
IL
uA
CT
pF
VR =0V,f =1MHz
kV
47
25
0.1
28
10
2.0
–
16
Peak pulse power
PPP
W
VR = 24V
Storage temperature
Operation temperature
125
°C
TSTG
Tj
°C
150
-55
VC
V
IPP = 1A,TP=8/20us
47
TP=8/20us
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8
RoHS Device
Halogen Free
-40
SMD ESD Protection Diode
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
0603C/SOD-523F
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.030(0.75)
0.022(0.55)
0.018(0.45)
0.022(0.55)
0.016(0.40)
0.026(0.65)
0.001(0.02)
Max.
0.043(1.10)BSC
0.039(1.00)
0.031(0.80)
0.022(0.55)
0.018(0.45)
Circuit diagram
- Comply with AEC-Q101


Similar Part No. - ACPDUC24V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDUC24V0HT-HF COMCHIP-ACPDUC24V0HT-HF Datasheet
471Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDUC24VAS-HF COMCHIP-ACPDUC24VAS-HF Datasheet
465Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDUC24VASU-HF COMCHIP-ACPDUC24VASU-HF Datasheet
473Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDUC24VE-HF COMCHIP-ACPDUC24VE-HF Datasheet
77Kb / 4P
SMD ESD Protection Diode
ACPDUC24VEU-HF COMCHIP-ACPDUC24VEU-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDUC24V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com