Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6680EU Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6680EU
Description  High Efficiency Buck/Boost Charge Pump Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680EU Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6680EU Datasheet HTML 3Page - Sipex Corporation SP6680EU Datasheet HTML 4Page - Sipex Corporation SP6680EU Datasheet HTML 5Page - Sipex Corporation SP6680EU Datasheet HTML 6Page - Sipex Corporation SP6680EU Datasheet HTML 7Page - Sipex Corporation SP6680EU Datasheet HTML 8Page - Sipex Corporation SP6680EU Datasheet HTML 9Page - Sipex Corporation SP6680EU Datasheet HTML 10Page - Sipex Corporation SP6680EU Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
Figure 3. Typical SIM Card Application Circuit for the SP6680
Any standard CMOS logic output is suitable for
driving the C/4 or Cx8 control lines as long as
logic low is less than 0.4V and logic high is
greater than 1.3V.
Efficiency
Power efficiency with the SP6680 charge pump
regulator is improved over standard charge pumps
doubler circuits by the inclusion of an 1.5X
output mode, as described in the Theory of
Operation section. The net result is an increase
in efficiency at battery inputs greater than 3.7 to
3.8V where the SP6680 switches to the 1.5X
mode. This is illustrated in figure 4 Efficiency vs
Input Voltage.
Capacitor Selection
In order to maintain the lowest output resistance,
input ripple voltage and output ripple voltage,
multi-layer ceramic capacitors with inherently
low ESR are recommended. Refer to Table 2 for
some suggested low ESR capacitors. Tables of
output resistance and ripple voltages for a vari-
ety of input, output and pump capacitors are
included here to use as a guide in capacitor
selection. Measured conditions are with CLK =
32kHz, 5mA output load and all capacitors are
2.2uF except when stated otherwise. A DC
power supply with added 0.25ohm output ESR
was used to simulate a Lithium Ion Battery as
shown in figure 5.
Figure 4. Efficiency vs Battery Voltage
Figure 5. Capacitor Selection Test Circuit
n
i
p
K
L
Cn
i
p
4
/
Cn
i
p
8
x
Cf
P
M
U
P
t
n
e
s
e
r
p
t
o
nX
X
0
z
H
k
8
6
7
.
2
3w
o
lw
o
lz
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3w
o
lh
g
i
hz
H
k
4
1
.
2
6
2
z
H
k
8
6
7
.
2
3h
g
i
hw
o
lz
H
k
2
9
1
.
8
z
H
k
8
6
7
.
2
3h
g
i
hh
g
i
hz
H
k
4
1
.
2
6
2
SP6680 Efficiency vs Battery Voltage
50
60
70
80
90
100
3.0
3.3
3.6
3.9
4.2
Battery Voltage (V)
8.192kHz, Iout = 2mA
32.768kHz, Iout = 10mA
262.14kHz, Iout = 40mA
Table 1. Control Line Logic for the Internal Charge
Pump Oscillator
V
OUT = +5.2V to +6.3V
C/4
Cx8
CLK
GND
SP6680
8
CF1P
CF1N
CF2P
CF2N
4.7µF
2.2µF
2.2µF
2
9
10
7
1
6
45
3
+3.6V
Lithium-Ion
Battery
LDO
+5.0V output
V
IN
2.2µF
2.2µF
Power Supply
HP3631A
1000µF
0.25ohm
0.75” Leads
SP6680 EvBd
2.2µF Caps
VIN (p-p)
VOUT (p-p)
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com