Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # BC856-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856-HF Datasheet(HTML) 1 Page - Comchip Technology

  BC856-HF Datasheet HTML 1Page - Comchip Technology BC856-HF Datasheet HTML 2Page - Comchip Technology BC856-HF Datasheet HTML 3Page - Comchip Technology BC856-HF Datasheet HTML 4Page - Comchip Technology BC856-HF Datasheet HTML 5Page - Comchip Technology BC856-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Purpose Transistor
RoHS Device
Mechanical data
- Case: SOT-23, molded plastic.
- Terminals: Solderable per MIL-STD-750,
method 2026.
BC856-HF Thru. BC858-HF Series (PNP)
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current-continuous
Storage temperature range
Unit
Symbol
Parameter
Value
VCBO
VCEO
VEBO
IC
PC
-80
-50
-30
-65
-45
-30
-5
250
V
V
V
A
mW
Junction temperature range
TJ
-65 to +150
°C
Collector dissipation
BC856
BC858
BC857
BC856
BC858
BC857
-0.1
TSTG
-65 to +150
°C
Features
- Power dissipation
PCM: 0.25W (@TA=25°C)
- Low current.(max. 100mA)
- Collector-base voltage
VCBO: BC856 = -80V
BC857 = -50V
BC858 = -30V
- Operating and storage junction temperature
range: TJ, TSTG= -65 to +150°C
- Ideally suited for automatic insertion
Maximum Ratings (at Ta=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Page 1
REV:A
QW-JTR16
Circuit diagram
3
1
2
- 1.BASE
- 2.EMITTER
- 3.COLLECTOR
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.122(3.10)
0.106(2.70)
0.059(1.50)
0.043(1.10)
0.079(2.00)
0.071(1.80)
0.039(1.00)
Typ.
0.016(0.40)
Typ.
0.004(0.10)
Typ.
0.102(2.60)
0.087(2.20)
Halogen Free
0.004(0.10)
0.001(0.02)


Similar Part No. - BC856-HF

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BC856-8W BWTECH-BC856-8W Datasheet
198Kb / 3P
PNP Silicon Epitaxial Planar Transistor
logo
Unisonic Technologies
BC856-A-AE3-R UTC-BC856-A-AE3-R Datasheet
176Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Pan Jit International I...
BC856-AU PANJIT-BC856-AU Datasheet
372Kb / 6P
PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_0_00001 PANJIT-BC856-AU_0_00001 Datasheet
372Kb / 6P
PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_0_10001 PANJIT-BC856-AU_0_10001 Datasheet
372Kb / 6P
PNP GENERAL PURPOSE TRANSISTORS
More results

Similar Description - BC856-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com