Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6690 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6690
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6690 Datasheet HTML 8Page - Sipex Corporation SP6690 Datasheet HTML 9Page - Sipex Corporation SP6690 Datasheet HTML 10Page - Sipex Corporation SP6690 Datasheet HTML 11Page - Sipex Corporation SP6690 Datasheet HTML 12Page - Sipex Corporation SP6690 Datasheet HTML 13Page - Sipex Corporation SP6690 Datasheet HTML 14Page - Sipex Corporation SP6690 Datasheet HTML 15Page - Sipex Corporation SP6690 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Topmark
Temperature Range
Package Type
SP6690EK1 ....................... P3WW ...................... -40˚C to +85˚C ............................. 5 Pin TSOT
SP6690EK1/TR .................. P3WW ...................... -40˚C to +85˚C ............................ 5 Pin TSOT
SP6690EK ......................... C3WW ...................... -40˚C to +85˚C .......................... 5 Pin SOT-23
SP6690EK/TR .................... C3WW ...................... -40˚C to +85˚C ......................... 5 Pin SOT-23
SP6690ER ........................ 6690ES ..................... -40˚C to +85˚C ............................... 8 Pin DFN
SP6690ER/TR .................. 6690ES ..................... -40˚C to +85˚C .............................. 8 Pin DFN
/TR = Tape and Reel
Pack quantity is 2500 for TSOT or SOT-23 and 3,000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6690ER/TR = standard; SP6690ER-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com