Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3-R12-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L3-R12-10
Description  FERRITE CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L3-R12-10 Datasheet(HTML) 2 Page - Superworld Electronics

  L3-R12-10 Datasheet HTML 1Page - Superworld Electronics L3-R12-10 Datasheet HTML 2Page - Superworld Electronics L3-R12-10 Datasheet HTML 3Page - Superworld Electronics L3-R12-10 Datasheet HTML 4Page - Superworld Electronics L3-R12-10 Datasheet HTML 5Page - Superworld Electronics L3-R12-10 Datasheet HTML 6Page - Superworld Electronics L3-R12-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP INDUCTORS
L3 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.01.2015
6. ELECTRICAL CHARACTERISTICS :
( Ω )
DC Resistance
Part Number
L3-47N□-10
0.20
L3-68N□-10
0.20
50
Max.
Rated Current
( mA )
50
300
Test
Frequency
( MHz )
( μH )
Inductance
300
L3-82N□-10
0.047
50
0.20
300
0.082
0.068
0.100
L3-R10□-10
0.30
25
250
L3-R18□-10
L3-R15□-10
L3-R12□-10
0.180
0.150
0.120
25
25
25
0.30
0.40
0.40
L3-R33□-10
L3-R27□-10
L3-R22□-10
0.330
0.270
0.220
25
25
25
0.50
0.55
0.50
250
L3-R82□-10
L3-1R0□-10
L3-1R2□-10
L3-R68□-10
0.820
1.000
1.200
0.680
L3-R47□-10
L3-R56□-10
L3-R39□-10
0.470
0.560
0.390
10
10
25
25
0.40
0.50
1.00
0.80
150
50
50
25
25
25
0.75
0.65
0.65
L3-1R8□-10
L3-1R5□-10
1.800
1.500
10
10
0.60
0.50
50
50
Q
Min.
Min.
( MHz )
SRF
25
45
25
20
15
15
20
15
100
55
60
75
65
135
115
105
125
150
145
185
170
280
220
200
255
235
320
150
150
200
200
25
25
25
20
20
20
20
20
45
45
45
250
250
250
250
250
L3-4R7□-10
L3-2R2□-10
L3-2R7□-10
L3-3R9□-10
L3-3R3□-10
L3-100□-10
10.000
45
2
2.700
4.700
3.900
3.300
2.200
45
45
45
45
45
10
10
10
10
10
1.15
24
15
0.75
1.00
0.90
0.80
0.65
50
41
35
38
45
30
30
30
30
30
Dim. C
( mm )
0.85
0.85
0.85
1.25
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
1.25
1.25
1.25
0.85
0.85
0.85
0.85
0.85
1.25
1.25
1.25
1.25
1.25
Inductance tolerance :
□ : K : ±10%
L : ± 15%
M : ± 20%
Max.
±0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com