Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6828 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6828
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6828 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6828 Datasheet HTML 4Page - Sipex Corporation SP6828 Datasheet HTML 5Page - Sipex Corporation SP6828 Datasheet HTML 6Page - Sipex Corporation SP6828 Datasheet HTML 7Page - Sipex Corporation SP6828 Datasheet HTML 8Page - Sipex Corporation SP6828 Datasheet HTML 9Page - Sipex Corporation SP6828 Datasheet HTML 10Page - Sipex Corporation SP6828 Datasheet HTML 11Page - Sipex Corporation SP6828 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
Figure 15. Voltage Efficiency vs. Supply Voltage
with a 10k
Ω load
Figure 16. Voltage efficiency vs. Supply Voltage
without a Load
Figure 17. Output Noise and Ripple for the SP6828
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.3V, C1 = C2 = C3 = 10µF for SP6828, C1 = C2 = C3 = 3.3µF for SP6829, and TAMB = 25
oC unless
otherwise noted. The SP6828/6829 devices use the circuit found in
Figure 19 when obtaining the following typical
performance characteristics (unless otherwise noted).
Figure 18. Output Noise and Ripple for the SP6829
102
100
98
96
94
92
90
88
86
84
0.5 1.0 1.5 2.0
VIN (V)
2.5 3.0 3.5
120
100
80
60
40
20
0
0
12
3
4
VIN (V)
102
100
98
96
94
92
90
88
86
84
0.5 1.0 1.5 2.0
VIN (V)
2.5 3.0 3.5 4.0
V
IN = 3.3V
V
OUT = -3.2V
I
L = 5mA
V
IN = 3.3V
V
OUT = -3.2V
I
L = 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com