Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M77C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M77C
Description  Double-Balanced Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M77C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M77C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M77C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M77C Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M77C Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Double-Balanced Mixer
Rev. V3
M77 / M77C
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 LO 7 TO 15 GHz
 RF 8 TO 12.5 GHz
 IF DC TO 2.5 GHz
 LO DRIVE: +10 dBm (NOMINAL)
 LOW NOISE FIGURE
Description
The M77 is a double balanced mixer, designed for use in military,
commercial and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband soft dielectric and
ferrite baluns to attain excellent performance. This mixer can also
be used as a phase detector and/or bi-phase modulator since the
IF port is DC coupled to the diodes. The use of high temperature
solder and welded assembly processes used internally makes it
ideal for use in manual, semi-automated assembly. Environmental
screening
available
to
MIL-STD-883,
MIL-STD-202,
or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M77
Minpac
M77C
SMA Connectorized
Electrical Specifications: Z0 = 50 Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 8 to 12.5 GHz, fL = 7 to 13.5 GHz, fI = 0.03 to 1 GHz
fR = 8 to 12.5 GHz, fL = 7 to 14.5 GHz, fI = 1 to 2 GHz
fR = 8 to 12.5 GHz, fL = 7 to 15 GHz, fI = 2 to 2.5 GHz
dB
dB
dB
5.0
5.5
6.0
7.0
7.5
8.0
7.5
8.0
8.5
Isolation, L to R (min)
fL = 7 to 15 GHz
fL = 8 to 12 GHz
dB
dB
35
35
20
20
18
18
Isolation, L to I (min)
fL = 7 to 14 GHz
fL = 14 to 15 GHz
dB
dB
30
20
15
10
13
8
1 dB Conversion Comp.
fL = +10 dBm
dBm
+4
Input IP3
fR1=10 GHz at –6 dBm,fR2=10.01GHz at –6 dBm,
fL = 11 GHz at = +10 dBm
dBm
+15
Product Image


Similar Part No. - M77C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M77C MACOM-M77C Datasheet
137Kb / 2P
DOUBLE-BALANCED MIXER
M77C MACOM-M77C Datasheet
501Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M77C MA-COM-M77C Datasheet
1Mb / 3P
Double-Balanced Mixer
M77C MA-COM-M77C Datasheet
1Mb / 3P
Double-Balanced Mixer
More results

Similar Description - M77C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com