Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP703 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP703
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP703 Datasheet(HTML) 5 Page - Sipex Corporation

  SP703 Datasheet HTML 1Page - Sipex Corporation SP703 Datasheet HTML 2Page - Sipex Corporation SP703 Datasheet HTML 3Page - Sipex Corporation SP703 Datasheet HTML 4Page - Sipex Corporation SP703 Datasheet HTML 5Page - Sipex Corporation SP703 Datasheet HTML 6Page - Sipex Corporation SP703 Datasheet HTML 7Page - Sipex Corporation SP703 Datasheet HTML 8Page - Sipex Corporation SP703 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
5
V
CC Supply Current vs.
Temperature (Normal Mode)
Battery Supply Current vs.
Temperature (Backup Mode)
51
47
43
39
35
31
27
23
19
-60
-30
0
30
60
90
120
150
Temperature Deg. C
2.9
2.4
1.9
1.4
0.9
0.4
-0.1
-60
Temperature Deg. C
-40 -20
0 20 40 60 80 100 120 140
V
CC=5V
V
BATT=2.8V
V
CC=0V
V
BATT=2.8V
TYPICAL CHARACTERISTICS (25oC, unless otherwise noted)
-60
-30
0
30
60
90
120 150
Temperature Deg. C
PFI Threshold
vs. Temperature
1.256
1.254
1.252
1.250
1.248
1.246
V
CC=5V
V
BATT=0
NO LOAD ON PFO
V
BATT to VOUT ON
Resistance vs. Temperature
V
CC to VOUT On
Resistance vs. Temperature
15
10
5
0
-60
-30
0
30
60
90
120
150
Temperature Deg. C
0.9
0.8
0.7
0.6
0.5
0.4
0.3
Temperature Deg. C
V
BATT=2.8V
V
BATT=4.5V
V
CC=0V
V
BATT=2V
Reset Threshold
vs. Temperature
4.70
4.69
4.68
4.67
4.66
4.65
4.64
4.63
4.62
4.61
4.60
Temperature Deg. C
V
BATT=0V
Power Down
V
CC=5V
V
BATT=0V
Reset Output Resistance
vs. Temperature
Reset Delay
vs. Temperature
600
500
400
300
200
100
0
-60
-30
0
30
60
90
120 150
Temperature Deg. C
212
210
208
206
204
202
200
-60
-30
0
30
60
90
120 150
Temperature Deg. C
V
CC=5V,VBATT=2.8V
Soucing Current
V
CC=0V to 5V Step,
V
BATT=2.8V
V
CC=0V,VBATT=2.8V
Sink Current
IE+2
IE+1
IE+0
IE-1
IE-2
IE-3
IE-4
IE-5
IE-6
IE-7
IE-8
.0000
5.000
V
CC (0.5V/div)
Battery Current vs. V
CC Voltage
V
BATT=2.8V
SP703
-60
-30
0
30
60
90
120 150
-60
-30
0
30
60
90
120 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com