Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLJS686M004R1500 Datasheet(PDF) 3 Page - AVX Corporation

Part # TLJS686M004R1500
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJS686M004R1500 Datasheet(HTML) 3 Page - AVX Corporation

  TLJS686M004R1500 Datasheet HTML 1Page - AVX Corporation TLJS686M004R1500 Datasheet HTML 2Page - AVX Corporation TLJS686M004R1500 Datasheet HTML 3Page - AVX Corporation TLJS686M004R1500 Datasheet HTML 4Page - AVX Corporation TLJS686M004R1500 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AUGUST 2014
■ 53
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
Rated
Rated
Category
Category
Maximum
DCL
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature
Voltage
Temperature
Surge
(μA)
Max.
MSL
Product
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Current
Max.
(mΩ)
25ºC
85ºC
125ºC
Category
(A)
@ 100kHz
2.5 Volt @ 40°C
TLJT227M002#1200
T
220
2.5
40
0.5
125
0.8
5.5
1100
3
270
243
108
2
4 Volt @ 40°C
TLJN336M004#8000
N
33
4
40
0.8
125
0.2
1.3
8000
3
79
71
32
1
TLJR336M004#3000
R
33
4
40
0.8
125
0.6
1.3
3000
3
135
122
54
2
TLJK476M004#1500
K
47
4
40
0.8
125
1.0
1.9
1500
3
208
187
83
2
TLJN476M004#4000
N
47
4
40
0.8
125
0.6
1.9
4000
3
112
101
45
1
TLJP476M004#3000
P
47
4
40
0.8
125
0.6
1.9
3000
3
141
127
57
2
TLJR476M004#3000
R
47
4
40
0.8
125
0.6
1.9
3000
3
135
122
54
2
TLJK686M004#1200
K
68
4
40
0.8
125
1.2
2.7
1200
3
233
209
93
2
TLJN686M004#8000
N
68
4
40
0.8
125
0.2
5.4
8000
3
79
71
32
1
TLJP686M004#3000
P
68
4
40
0.8
125
1.2
2.7
3000
3
141
127
57
2
TLJR686M004#2900
R
68
4
40
0.8
125
0.6
2.7
2900
3
138
124
55
2
TLJS686M004#1500
S
68
4
40
0.8
125
1.0
2.7
1500
3
208
187
83
2
TLJA107M004#0500
A
100
4
40
0.8
125
2.1
4.0
500
3
387
349
155
1
TLJG107M004#0800
G
100
4
40
0.8
125
1.6
4.0
800
3
296
266
118
2
TLJK107M004#2000
K
100
4
40
0.8
125
0.8
8.0
2000
3
180
162
72
2
TLJN107M004#5200
N
100
4
40
0.8
125
0.4
8.0
5200
3
98
88
39
1
TLJP107M004#2700
P
100
4
40
0.8
125
0.6
8.0
2700
3
149
134
60
2
TLJS107M004#1400
S
100
4
40
0.8
125
1.1
4.0
1400
3
215
194
86
2
TLJA157M004#0800
A
150
4
40
0.8
125
1.6
6.0
800
3
306
276
122
2
TLJT157M004#0800
T
150
4
40
0.8
125
1.6
6.0
800
3
316
285
126
2
TLJA227M004#1100
A
220
4
40
0.8
125
1.3
17.6
1100
3
261
235
104
2
TLJG227M004#3000
G
220
4
40
0.8
125
0.6
17.6
3000
3
153
137
61
2
TLJH227M004#0900
H
220
4
40
0.8
125
1.5
8.8
900
3
298
268
119
2
TLJT227M004#1100
T
220
4
40
0.8
125
1.3
17.6
1100
3
270
243
108
2
TLJT337M004#2700
T
330
4
40
0.8
125
0.6
26.4
2700
3
172
155
69
2
TLJW337M004#0200
W
330
4
40
0.8
125
3.1
13.2
200
3
671
604
268
1
6.3 Volt @ 40°C
TLJN226M006#5400
N
22
6.3
40
1.3
125
0.5
1.3
5400
3
96
87
38
1
TLJR226M006#3500
R
22
6.3
40
1.3
125
0.8
1.3
3500
3
125
113
50
2
TLJK336M006#1700
K
33
6.3
40
1.3
125
1.5
2.0
1700
3
196
176
78
2
TLJN336M006#8000
N
33
6.3
40
1.3
125
0.4
2.0
8000
3
79
71
32
1
TLJP336M006#3000
P
33
6.3
40
1.3
125
0.9
2.0
3000
3
141
127
57
1
TLJR336M006#3000
R
33
6.3
40
1.3
125
0.9
2.0
3000
3
135
122
54
2
TLJK476M006#1500
K
47
6.3
40
1.3
125
1.6
2.8
1500
3
208
187
83
2
TLJN476M006#8300
N
47
6.3
40
1.3
125
0.4
5.6
8300
3
78
70
31
1
TLJP476M006#0700
P
47
6.3
40
1.3
125
2.7
2.8
700
3
293
263
117
2
TLJP476M006#0900
P
47
6.3
40
1.3
125
2.3
2.8
900
3
258
232
103
2
TLJP476M006#1800
P
47
6.3
40
1.3
125
1.4
2.8
1800
3
183
164
73
2
TLJP476M006#2500
P
47
6.3
40
1.3
125
1.1
2.8
2500
3
155
139
62
2
TLJR476M006#3200
R
47
6.3
40
1.3
125
0.9
2.8
3200
3
131
118
52
2
TLJS476M006#1500
S
47
6.3
40
1.3
125
1.6
2.8
1500
3
208
187
83
2
TLJA686M006#0500
A
68
6.3
40
1.3
125
3.3
4.1
500
3
387
349
155
1
TLJG686M006#0800
G
68
6.3
40
1.3
125
1.9
4.1
800
3
296
266
118
2
TLJK686M006#2000
K
68
6.3
40
1.3
125
1.3
8.16
2000
3
180
162
72
2
TLJS686M006#1500
S
68
6.3
40
1.3
125
1.6
4.1
1500
3
208
187
83
2
TLJT686M006#0600
T
68
6.3
40
1.3
125
3.0
4.1
600
3
365
329
146
1
TLJA107M006#0500
A
100
6.3
40
1.3
125
3.3
6.0
500
3
387
349
155
2
TLJA107M006#0800
A
100
6.3
40
1.3
125
2.5
6.0
800
3
306
276
122
2
TLJG107M006#0800
G
100
6.3
40
1.3
125
2.5
6.0
800
3
296
266
118
2
TLJK107M006#2000
K
100
6.3
40
1.3
125
1.3
12.0
2000
3
180
162
72
2
TLJP107M006#5400
P
100
6.3
40
1.3
125
0.5
12.0
5400
3
105
95
42
2
TLJT107M006#0800
T
100
6.3
40
1.3
125
2.5
6.0
800
3
316
285
126
2
TLJA157M006#0900
A
150
6.3
40
1.3
125
2.3
9.0
900
3
289
260
115
2
TLJG157M006#2500
G
150
6.3
40
1.3
125
1.1
18.0
2500
3
167
151
67
1
TLJH157M006#0900
H
150
6.3
40
1.3
125
2.3
9.0
900
3
298
268
119
2
TLJT157M006#1200
T
150
6.3
40
1.3
125
1.9
9.0
1200
3
258
232
103
2
TLJB227M006#0500
B
220
6.3
40
1.3
125
3.3
13.2
500
3
412
371
165
1
TLJT227M006#2000
T
220
6.3
40
1.3
125
1.3
26.4
2000
3
200
180
80
2
TLJW227M006#0200
W
220
6.3
40
1.3
125
4.8
13.2
200
3
671
604
268
1
TLJF337M006#0300
F
330
6.3
40
1.3
125
4.2
19.8
300
3
577
520
231
1
TLJY687M006#0100
Y
680
6.3
40
1.3
125
5.7
40.8
100
3
1118
1006
447
1
TLJY687M006#0150
Y
680
6.3
40
1.3
125
5.7
40.8
150
3
913
822
365
1
TLJV158M006#0100
V
1500
6.3
40
1.3
125
5.7
90
100
3
1581
1423
632
1
RATINGS & PART NUMBER REFERENCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com