Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAW82F1D Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SAW82F1D
Description  Enable High Flux and Cost Efficient System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW82F1D Datasheet(HTML) 4 Page - Seoul Semiconductor

  SAW82F1D Datasheet HTML 1Page - Seoul Semiconductor SAW82F1D Datasheet HTML 2Page - Seoul Semiconductor SAW82F1D Datasheet HTML 3Page - Seoul Semiconductor SAW82F1D Datasheet HTML 4Page - Seoul Semiconductor SAW82F1D Datasheet HTML 5Page - Seoul Semiconductor SAW82F1D Datasheet HTML 6Page - Seoul Semiconductor SAW82F1D Datasheet HTML 7Page - Seoul Semiconductor SAW82F1D Datasheet HTML 8Page - Seoul Semiconductor SAW82F1D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Rev1.0, Apr 6, 2016
www.seoulsemicon.com
Product Data Sheet
SAW82F1D
– Chip on Board
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 3. Absolute Maximum Characteristics, T
j=25ºC
1.
At thermal Resistance, J to S means junction to COB’s metal PCB bottom.
2.
At ESD Sensitivity, Class 2 is voltage level between 2000V and 4000V.
3.
Thermal resistance : Rth
JS (Junction / solder)
Notes for Table 3 :
•
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
•
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
IF
-
30
50
mA
Power Dissipation
Pd
-
5.4
10
W
Junction Temperature
[1]
Tj
-
-
125
ºC
Operating Temperature
Topr
-40
-
85
ºC
Surface Temperature
TS
-
-
100
ºC
Storage Temperature
Tstg
-40
-
100
ºC
Thermal resistance (J to S)
RthJS
-
2.5
-
K/W
ESD Sensitivity(HBM)
[2]
-
Class 2A JESD22-A114-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com