Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDW07F1C Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SDW07F1C
Description  Enable High Flux and Cost Efficient System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW07F1C Datasheet(HTML) 1 Page - Seoul Semiconductor

  SDW07F1C Datasheet HTML 1Page - Seoul Semiconductor SDW07F1C Datasheet HTML 2Page - Seoul Semiconductor SDW07F1C Datasheet HTML 3Page - Seoul Semiconductor SDW07F1C Datasheet HTML 4Page - Seoul Semiconductor SDW07F1C Datasheet HTML 5Page - Seoul Semiconductor SDW07F1C Datasheet HTML 6Page - Seoul Semiconductor SDW07F1C Datasheet HTML 7Page - Seoul Semiconductor SDW07F1C Datasheet HTML 8Page - Seoul Semiconductor SDW07F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SDWx7F1C
– Chip on Board
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Rev3.0, Dec 2, 2015
Enable High Flux and Cost Efficient System
SDWx7F1C (SDW07F1C, SDW87F1C)
Z Power Chip on board
– ZC series
•
The ZC series are LED arrays which provide
High Flux and High Efficacy.
•
It is especially designed for easy assembly
of Lighting fixtures by eliminating reflow
soldering process.
•
It‘s thermal management is excellent than
other power LED solutions with wider Metal
area.
•
ZC series are ideal light sources for General
Lighting applications including Replacement
Lamps, Industrial & Commercial Lightings
and other high Lumen required applications.
Part Number
CCT [K]
Color
Min.
Typ.
Max.
SDW07F1C
Cool White
4700
-
6000
SDW87F1C
Warm White
2600
-
4200
Table 1. Product Selection Table
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
TV, PC, NB,
MNT, Mobile
Automotive
Home appliance
Troffer, Highbay
RoHS
LM-80
MacAdam
3-Step
•
Size 38mm * 38 mm
•
High Efficacy typ. 150 lm/W
•
Flux range from 2,000~19,000lm
•
Power dissipation 15~ 160W
•
Maximum current
•
3000K CCT with CRI 80
•
Uniformed Shadow
•
Excellent Thermal management
•
Commercial
– Downlight
•
Out door area
– High/Low Bay lighting,
Street lighting, Tunnel lighting
•
Architectural
•
Industrial
– High/Low Bay lighting
RoHS
MacAdam
3-Step


Similar Part No. - SDW07F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW01F1B SEOUL-SDW01F1B Datasheet
819Kb / 26P
Excellent Thermal management
SDW01F1B SEOUL-SDW01F1B Datasheet
696Kb / 26P
Enable High Flux and Cost Efficient System
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
MacAdam 3-step binning
SDW02F1C SEOUL-SDW02F1C Datasheet
475Kb / 20P
Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
Superior high Flux for High Current System
More results

Similar Description - SDW07F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
Enable High Flux and Cost Efficient System
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com