Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW7C2SB Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW7C2SB
Description  Achieving the best system cost in Mid/High Power
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C2SB Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW7C2SB Datasheet HTML 1Page - Seoul Semiconductor STW7C2SB Datasheet HTML 2Page - Seoul Semiconductor STW7C2SB Datasheet HTML 3Page - Seoul Semiconductor STW7C2SB Datasheet HTML 4Page - Seoul Semiconductor STW7C2SB Datasheet HTML 5Page - Seoul Semiconductor STW7C2SB Datasheet HTML 6Page - Seoul Semiconductor STW7C2SB Datasheet HTML 7Page - Seoul Semiconductor STW7C2SB Datasheet HTML 8Page - Seoul Semiconductor STW7C2SB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW7C2SB
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.0, Dec 3, 2015
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Product Selection Guide, I
F = 100mA, Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
STW7C2SB
6500
K27
27
28.5
83.7
88.4
70
K28
28.5
30
88.4
93.0
70
L30
30
32
93.0
99.2
70
5600
K27
27
28.5
82.9
87.5
70
K28
28.5
30
87.5
92.1
70
L30
30
32
92.1
98.2
70
5000
K28
28.5
30
87.2
91.8
70
L30
30
32
91.8
97.9
70
L32
32
34
97.9
104.0
70
4500
K28
28.5
30
87.2
91.8
70
L30
30
32
91.8
97.9
70
L32
32
34
97.9
104.0
70
4000
K28
28.5
30
86.4
90.9
70
L30
30
32
90.9
97.0
70
L32
32
34
97.0
103.0
70
3500
K28
28.5
30
85.5
90.0
70
L30
30
32
90.0
96.0
70
3000
K27
27
28.5
81.0
85.5
70
K28
28.5
30
85.5
90.0
70
L30
30
32
90.0
96.0
70
2700
K27
27
28.5
81.0
85.5
70
K28
28.5
30
85.5
90.0
70
L30
30
32
90.0
96.0
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com