Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8107 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8107
Description  Three Channel High Performance Laser Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8107 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8107 Datasheet HTML 1Page - Sipex Corporation SP8107 Datasheet HTML 2Page - Sipex Corporation SP8107 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced
SP8107
Rev. 09/05/03
SP8107 – Three Channel Laser Driver
Copyright 2003 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IR
I2
I3
RF
EN2
EN3
ENABLE
OSCEN
Vcc
Iout A
GND
RSA
RSB
Iout B
SELA
Vcc
SP8107
SSOP-16
FEATURES
•
Three current controlled inputs with independent
ENABLE/DISABLE
•
Two selectable outputs for grounded laser diodes
•
Output current up to 400mA (250mA per input channel)
•
Independent swing for each output channel controlled
by external resistor
•
On-chip oscillator with resistor controlled frequency
•
Single 5V power supply
•
Common ENABLE and oscillator ENABLE inputs
•
TTL/CMOS logic level control signals
•
Small SSOP16 package
APPLICATION
•
DVD-RAM with CD-RW capability
•
DVD-RW with CD-RW capability
•
Writable data storage optical devices
GENERAL DESCRIPTION
The SP8107 is a three channel laser diode driver specifically designed for high speed DVD-RW or DVD-
RAM applications. It operates two grounded laser diodes (650nm for DVD and 780nm for CD) and
features three input channels that allow setting of three different optical power levels. The first channel
(IR) has lower gain (100mA/mA) and output current (up to 200mA) and is used as a read channel. The
second (I2) and third (I3) channels have higher gain (250mA/mA) and output current (up to 250mA) and
are used as write channels. Each write channel may be switched on/off at very fast switching speeds with
TTL/CMOS logic level signals applied to EN2 and EN3 inputs - channels are enabled at low logic level
and disabled at high logic level. Outputs of all channels are summed together and connected to one of the
outputs IOUT A or IOUT B depending on logic signal at the input SELA. High logic level at SELA selects
output IOUT A, while low logic level selects output IOUT B. Inputs IR, I2, and I3 are current-controlled with
200 ohm DC impedance but allow voltage control by using external limiting resistors.
An on-chip oscillator is used to reduce laser mode hopping in read mode. The frequency of this oscillator
may be changed by an external resistor connected to the RF pin. Oscillator swing can be set separately for
IOUT A and IOUT B outputs by two resistors connected to RSA and RSB pins respectively. The oscillator is
enabled by high logic level at the OSCEN pin.
Low logic level at the ENABLE pin disables the entire device. Supply current in disabled mode is below
100uA. Pins EN2 and EN3 have internal pull-up resistors. Pins ENABLE, OSCEN, and SELA have
internal pull-down resistors.
Three Channel High Performance Laser Driver


Similar Part No. - SP8107

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP810 SIPEX-SP810 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP810 EXAR-SP810 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
SeCoS Halbleitertechnol...
SP8100S SECOS-SP8100S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
logo
Sipex Corporation
SP810EK-2-3 SIPEX-SP810EK-2-3 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP810EK-2-3/TR SIPEX-SP810EK-2-3/TR Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP8107

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40518 ZARLINK-ZL40518 Datasheet
330Kb / 16P
3 Channel Laser Diode Driver
logo
ATMEL Corporation
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011-EV AVAGO-ADNB-6011-EV Datasheet
1Mb / 52P
High Performance Laser Mouse Bundles
ADNB-6011 AVAGO-ADNB-6011 Datasheet
1Mb / 52P
High Performance Laser Mouse Bundles
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
logo
Supertex, Inc
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com