Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8126B Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP8126B
Description  High Speed Differential APC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8126B Datasheet(HTML) 7 Page - Sipex Corporation

  SP8126B Datasheet HTML 1Page - Sipex Corporation SP8126B Datasheet HTML 2Page - Sipex Corporation SP8126B Datasheet HTML 3Page - Sipex Corporation SP8126B Datasheet HTML 4Page - Sipex Corporation SP8126B Datasheet HTML 5Page - Sipex Corporation SP8126B Datasheet HTML 6Page - Sipex Corporation SP8126B Datasheet HTML 7Page - Sipex Corporation SP8126B Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Rev:B Date: 3/18/04
SP8126B High Speed Differential APC Amplifier
© Copyright 2004 Sipex Corporation
1
2
3
4
8
7
6
5
H
0.090mm
0.600
D
b
e
L
BOTTOM VIEW
TOP VIEW
SIDE VIEW
5° (2X)
E
A
C
B
0.70mm
0.35mm
DETECTOR SIZE
Detector Area
PIN
SIDE VIEW
S
F
F
S
0.28/0.48
8 PIN COB
(3.0mm X 3.5mm)
DIMENSIONS in
mm
Min/Max
8–PIN
COB
A
B
b
C
D
E
e
H
L
0.90/1.10
0.127/0.33
0.30/0.50
0.50 nom
2.90/3.10
3.00/3.20
0.75 nom
3.40/3.60
0.40/0.60
F
S
0.28/0.48
0.075/0.275



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com