Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBFR0145-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBFR0145-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR0145-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBFR0145-HF Datasheet HTML 1Page - Comchip Technology CDBFR0145-HF Datasheet HTML 2Page - Comchip Technology CDBFR0145-HF Datasheet HTML 3Page - Comchip Technology CDBFR0145-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBFR0145-HF)
SMD Schottky Barrier Diode
Page 2
QW-G1063
REV:A
0
20
40
60
80
100
0
25
50
75
100
125
150
Mounting on glass epoxy PCBs
1
10
100
30
0
5
10
15
20
25
35
0.1
0.2
0.4
0.7
0
0.5
0.3
1000
0.0 01
10
100
0.6
1
0.1
0.0 1
0
10
20
30
40
10u
1m
1n
1u
100u
10m
100n
10n
O
25 C
O
75 C
O
125 C
O
-25 C
Reverse voltage (V)
Forward voltage (V)
Fig. 1 - Forward characteristics
Reverse voltage (V)
Fig. 2 - Reverse characteristics
O
Ambient temperature ( C)
Fig.4 - Current derating curve
Fig.3 - Capacitance between
terminals characteristics
f = 1 MHz
Ta = 25 C
Comchip Technology CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com