Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1582 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1582 Datasheet HTML 1Page - Sipex Corporation SPX1582 Datasheet HTML 2Page - Sipex Corporation SPX1582 Datasheet HTML 3Page - Sipex Corporation SPX1582 Datasheet HTML 4Page - Sipex Corporation SPX1582 Datasheet HTML 5Page - Sipex Corporation SPX1582 Datasheet HTML 6Page - Sipex Corporation SPX1582 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Date:5/25/04
SPX1582 3A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
SPX1582
DESCRIPTION
FEATURES
■ Low Dropout Voltage 500mV at 3A Full Load Current
■ Adjustable Ouput Down to 1.25V from ATX Power Supply
■ Fixed Output Voltages of 3.3V and 2.5V
■ Extremely Tight Load and Line Regulation
■ Standard 5-Terminal Low Cost TO-220 and TO-263
®
The SPX1582 is a 3A Low Dropout Regulator with extremely low dropout voltage. The adjustable version requires only
two external resistors to set the output voltage. The fixed version has a preset output of 3.3V, 2.8V or 2.5V and does
not require any external resistors. The SPX1582 features a low dropout of 400mV(Typ.) and offers fast transient
response. This device is suitable for Pentium applications requiring 2.8V, 2.5V from 3.3V ATX power supplies, where
a low current input voltage 1V greater than the output voltage is needed. With an external sense pin the load regulation
is less than 1mV. This device is an excellent choice for the use of powering low voltage microprocessors that require
a lower dropout, fast transient response to regulate from 3.3V and 5V supplies. The SPX1582 is also an excellent choice
as a post regulator for switching supplies applications.
The SPX1582 offers protection against over-current faults, reversed input polarity, over temperature operation and
positive and negative transient voltage.
The SPX1582 is offered in a 5 pin TO-220 and TO-263 compatible with industry standard 5-terminal regulators. For 5A,
3A and 1.5A ultra low dropout versions refer to SPX1581, SPX1582 and SPX1583 data sheets respectively.
3A Ultra Low Dropout Voltage Regulator
Fast Response, Adjustable & Fixed
APPLICATIONS
■ 3.3V to 2.8V ATX Power Supplies
■ 3.3V to 2.9V for Portable PENTIUMTM Processor
■ 5V to 3.5V VRE Supply
■ High efficiency "Green" Computer Systems
12
3
SPX1582
5 Pin TO-263
3
2
1
SPX1582
5 Pin TO-220
4 5
C4
2x330µF
2.5V
VOUT
R1
124Ω
R2
124Ω
VOUT
SENSE
C2
10µF
VCTRL
C1
330µF
3.3V
VIN
5V
VCTRL
SPX1582
5
4
2
3
1
(1) VCTRL needed when VIN < 5V.
(2) VOUT = VREF (1+R2/R1)+IADJ R2.
(3) VREF is measured across adjust to sense.
ADJ
VIN
C3
.033µF
C4
2x330µF
2.5V
VOUT
VOUT
SENSE
C2
10µF
VCTRL
C1
330µF
3.3V
VIN
5V
VCTRL
SPX1582
5
4
2
3
1
(1) VCTRL needed when VIN < 5V.
GND
VIN
Typical Fixed Regulator
Adjustable Regulator
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging


Similar Part No. - SPX1582

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1582T SIPEX-SPX1582T Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T-2.5 SIPEX-SPX1582T-2.5 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1582

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com