Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1583 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1583
Description  1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1583 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1583 Datasheet HTML 1Page - Sipex Corporation SPX1583 Datasheet HTML 2Page - Sipex Corporation SPX1583 Datasheet HTML 3Page - Sipex Corporation SPX1583 Datasheet HTML 4Page - Sipex Corporation SPX1583 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Date: 5/14/04
SPX1583
ORDERING INFORMATION
Ordering No.
Precision
Output Voltages
Packages
SPX1583U
0.6%
Adj
5 Lead TO-220
SPX1583U-1.5
0.6%
1.5V
5 Lead TO-220
SPX1583U-2.5
0.6%
2.5V
5 Lead TO-220
SPX1583U-3.0
0.6%
3.0V
5 Lead TO-220
SPX1583U-3.3
0.6%
3.3V
5 Lead TO-220
SPX1583T
0.6%
Adj
5 Lead TO-263
SPX1583T-1.5
0.6%
1.5V
5 Lead TO-263
SPX1583T-2.5
0.6%
2.5V
5 Lead TO-263
SPX1583T-3.0
0.6%
3.0V
5 Lead TO-263
SPX1583T-3.3
0.6%
3.3V
5 Lead TO-263
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com