Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24014 Datasheet(PDF) 3 Page - Aries Electronics, Inc.

Part # 24014
Description  CSP Test Socket for Optical Laser Failure Analysis Emission Microscopy
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

24014 Datasheet(HTML) 3 Page - Aries Electronics, Inc.

  24014 Datasheet HTML 1Page - Aries Electronics, Inc. 24014 Datasheet HTML 2Page - Aries Electronics, Inc. 24014 Datasheet HTML 3Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
SPRING PROBES
24014
3 of 3
Rev. 1.2
CSP Test Socket for Optical Laser Failure Analysis
w/Emission Microscopy*
A detailed device drawing must be
sent to Aries to quote and design
a socket.
__________________________
See Data Sheet for...
CSP Sockets
23016 Hybrid Socket
23021 µBGA up to 6.5mm
23017 µBGA up to 13mm
23018 µBGA up to 27mm
23018-APP w/Adj Pressure Pad
23019 µBGA up to 40mm
23020 µBGA up to 55mm
RF Sockets
24013 RF up to 6.5mm
24008 RF up to 13mm
24009 RF up to 27mm
24009-APP w/Adj Pressure Pad
24011 RF up to 40mm
24012 RF up to 55mm
24010 RF Machined Socket
23022 Kelvin Test Socket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com