Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2810 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2810
Description  1A Low Dropout Positive Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2810 Datasheet HTML 1Page - Sipex Corporation SPX2810 Datasheet HTML 2Page - Sipex Corporation SPX2810 Datasheet HTML 3Page - Sipex Corporation SPX2810 Datasheet HTML 4Page - Sipex Corporation SPX2810 Datasheet HTML 5Page - Sipex Corporation SPX2810 Datasheet HTML 6Page - Sipex Corporation SPX2810 Datasheet HTML 7Page - Sipex Corporation SPX2810 Datasheet HTML 8Page - Sipex Corporation SPX2810 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
1A Low Dropout Positive Linear Regulator
SPX2810
FEATURES
■ Guaranteed 1A Output
■ Three Terminal Adjustable or Fixed
2.5V, 3.0V and 3.3V
■ Low Quiescent Current
■ Low Dropout Voltage of 1.1V at Full Load
■ 0.2% Line and 0.3% Load Regulation
■ Voltage Temperature Stability 0.25%
■ Overcurrent and Thermal Protection
■ Available Packages: SOT-223,TO-252,
TO-220, and TO-263
®
The SPX2810 is a low power positive-voltage regulator designed to satisfy moderate power
requirements with a cost effective, small footprint solution. This device is an excellent choice for
use in battery-powered applications and portable computers. The SPX2810 has a very low
quiescent current and a low dropout voltage of 1.1V at full load. As output current decreases,
quiescent current flows into the load, increasing efficiency. SPX2810 is available in adjustable
or fixed 2.5V, 3.0V and 3.3V output voltages.
The SPX2810 is offered in several industry standard 3-pin surface mount packages: SOT-223,
TO-252, TO-220 and TO-263. An output capacitor of 10µF or larger, provides unconditionally
stability for most applications.
DESCRIPTION
Now Available in Lead Free Packaging
TYPICAL APPLICATION CIRCUITS
APPLICATIONS
■ SCSI-II Active Terminator
■ Portable/Palm Top/Notebook
Computers
■ Battery Chargers
■ Disk Drives
■ Portable Consumer Equipment
■ Portable Instrumentation
■ SMPS Post-Regulator
SPX2810 is 2% Accuracy
SPX2810A is 1% Accuracy
IN
OUT
I ADJ
SPX2810
C1
R
1
R
2
VOUT
VIN
C
2
V
OUT =V REF (1+R 2 /R1) +I ADJ R 2
V
REF
50µA
ADJ
4.7µF +
12
3
SPX2810
3 Pin TO-263
ADJ/GND
V
IN
V
OUT


Similar Part No. - SPX2810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3 SIPEX-SPX2810AM3 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-1.5 SIPEX-SPX2810AM3-1.5 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-2.5 SIPEX-SPX2810AM3-2.5 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810AM3-3.0 SIPEX-SPX2810AM3-3.0 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
1A Low Dropout Positive Regulator
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com