Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH6012SPS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMNH6012SPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6012SPS Datasheet(HTML) 6 Page - Diodes Incorporated

  DMNH6012SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 7Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMNH6012SPS
Document number: DS38084 Rev. 3 - 2
6 of 8
www.diodes.com
April 2016
© Diodes Incorporated
DMNH6012SPS
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, Pulse Duration Time (sec)
Figure 14. Transient Thermal Resistance
RθJA (t)=r(t) * RθJA
RθJA=93℃/W
Duty Cycle, D=t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9
0.01
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 13. SOA, Safe Operation Area
T
J(MAX)=150℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS=10V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com