Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3018SFGQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3018SFGQ
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SFGQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3018SFGQ Datasheet HTML 1Page - Diodes Incorporated DMN3018SFGQ Datasheet HTML 2Page - Diodes Incorporated DMN3018SFGQ Datasheet HTML 3Page - Diodes Incorporated DMN3018SFGQ Datasheet HTML 4Page - Diodes Incorporated DMN3018SFGQ Datasheet HTML 5Page - Diodes Incorporated DMN3018SFGQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3018SFGQ
Document number: DS38691 Rev. 1 - 2
2 of 6
www.diodes.com
March 2016
© Diodes Incorporated
DMN3018SFGQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.5
6.8
A
t<10s
TA = +25°C
TA = +70°C
ID
11.3
9.1
A
Continuous Drain Current (Note 7) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
6.6
5.3
A
t<10s
TA = +25°C
TA = +70°C
ID
8.7
7.0
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
2.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
60
A
Avalanche Current (Note 8) L = 0.1mH
IAS
18
A
Avalanche Energy (Note 8) L = 0.1mH
EAS
16
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
1.0
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
126
°C/W
t<10s
71
Total Power Dissipation (Note 7)
PD
2.2
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RJA
56
°C/W
t<10s
31
Thermal Resistance, Junction to Case
RJC
7.0
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1
1.7
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
16
21
m
Ω
VGS = 10V, ID = 10A
—
21
35
VGS = 4.5V, ID = 8.5A
Diode Forward Voltage
VSD
0.5
—
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
697
—
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
97
—
pF
Reverse Transfer Capacitance
Crss
—
67
—
pF
Gate Resistance
Rg
—
1.47
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
6.0
—
nC
VGS = 10V, VDS = 15V,
ID = 9A
Total Gate Charge (VGS = 10V)
Qg
—
13.2
—
nC
Gate-Source Charge
Qgs
—
2.2
—
nC
Gate-Drain Charge
Qgd
—
1.8
—
nC
Turn-On Delay Time
tD(ON)
—
4.3
—
ns
VDD = 15V, VGS = 10V,
RL = 15Ω, ID = 1A, RG = 6Ω
Turn-On Rise Time
tR
—
4.4
—
ns
Turn-Off Delay Time
tD(OFF)
—
20.1
—
ns
Turn-Off Fall Time
tF
—
4.1
—
ns
Reverse Recovery Time
tRR
—
7.3
—
ns
IF = 9A, di/dt = 500A/µs
Reverse Recovery Charge
QRR
—
7.9
—
nC
Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
8. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com