Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL210 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL210 Datasheet HTML 1Page - Torex Semiconductor XCL210 Datasheet HTML 2Page - Torex Semiconductor XCL210 Datasheet HTML 3Page - Torex Semiconductor XCL210 Datasheet HTML 4Page - Torex Semiconductor XCL210 Datasheet HTML 5Page - Torex Semiconductor XCL210 Datasheet HTML 6Page - Torex Semiconductor XCL210 Datasheet HTML 7Page - Torex Semiconductor XCL210 Datasheet HTML 8Page - Torex Semiconductor XCL210 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
XCL210
Series
■
PRODUCT CLASSIFICATION
●
Ordering information
XCL210①②③④⑤⑥-⑦
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
1
LX
Switching
2
GND
Ground
3
VOUT
Output Voltage
4
CE
Chip Enable
5
NC
Ground
6
VIN
Power Input
7
L1
Inductor Electrodes
8
L2
Inductor Electrodes
■
CE PIN FUNCTION
PIN NAME
SIGNAL
STATUS
CE
H
Operation (All Types)
L
Standby (All Types)
* Please do not leave the CE pin open.
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Product Type
A
IOUT=200mA , Without CL Auto Discharge
B
IOUT=50mA Without CL Auto Discharge
C
IOUT=200mA , With CL Auto Discharge
D
IOUT=50mA, With CL Auto Discharge
②③
Output Voltage
10~40
Output voltage options
e.g.) 1.2V → ② = 1 ③ = 2
1.25V→ ② = 1 ③ = C
0.05V increments :
0.05=A, 0.15=B, 0.25=C, 0.35=D, 0.45=E,
0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M
④
Fixed number
1
Fixed number
⑤⑥-⑦(*1)
Package (Order Unit)
GR-G
CL-2025-02 (3,000pcs/Reel)
(BOTTOM VIEW)
L1
L2
7
8
VIN
6
NC
5
CE
4
1
Lx
2
GN D
3
VOUT
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.。
* The dissipation pad for the CL-2025-02 package should be solder-plated in
recommended mount pattern and metal masking so as to enhance mounting
strength and heat release.
The mount pattern should be connected to GND pin (No.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com