Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2940 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2940
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2940 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2940 Datasheet HTML 1Page - Sipex Corporation SPX2940 Datasheet HTML 2Page - Sipex Corporation SPX2940 Datasheet HTML 3Page - Sipex Corporation SPX2940 Datasheet HTML 4Page - Sipex Corporation SPX2940 Datasheet HTML 5Page - Sipex Corporation SPX2940 Datasheet HTML 6Page - Sipex Corporation SPX2940 Datasheet HTML 7Page - Sipex Corporation SPX2940 Datasheet HTML 8Page - Sipex Corporation SPX2940 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 5/25/04
SPX2940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
1A Low Dropout Voltage Regulator
Fixed Output, Fast Response
SPX2940
DESCRIPTION
FEATURES
■ Guaranted 1.5A Peak Current
■ Low Quiescent Current
■ Low Dropout Voltage of 280mV at 1A
■ Extremely Tight Load and Line Regulation
■ Extremely Fast Transient Response
■ Reverse-battery Protection
■ Internal Thermal Protection
■ Internal Short Circuit Current Limit
■ Replacement for LM2940, MIC2940A,
AS2940
■ Standard TO-220 and TO-263 packages
®
The SPX2940 is a 1A, accurate voltage regulators with a low drop out voltage of 280mV (typical)
at 1A. These regulators are specifically designed for low voltage applications that require a low
dropout voltage and a fast transient response. They are fully fault protected against over-current,
reverse battery, and positive and negative voltage transients.
The SPX2940 is offered in 3-pin TO-220 & TO-263 packages. For a 3A version, refer to the
SPX29300 data sheet.
SPX2940
V
OUT
V
IN
+
6.8µF
+
10µF
1
2
3
Figure 1. Fixed Output Linear Regulator.
TYPICAL APPLICATIONS CIRCUIT
APPLICATIONS
■ Powering VGA & Sound Card
■ LCD Monitors
■ USB Power Supply
■ Power PCTM Supplies
■ SMPS Post-Regulator
■ PDA or Notebook Computer
■ High Efficiency Linear Power Supplies
■ Portable Instrumentation
■ Constant Current Regulators
■ Cordless Telephones
■ Automotive Electronics
Now Available in Lead Free Packaging
12
3
SPX2940
3 Pin TO-263
GND
V
IN
V
OUT


Similar Part No. - SPX2940

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
logo
Exar Corporation
SPX2940 EXAR-SPX2940 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX2940T-L-5-0/TR EXAR-SPX2940T-L-5-0/TR Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0/TR SIPEX-SPX2940T-L-5-0/TR Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
More results

Similar Description - SPX2940

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com