Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBMHT340-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBMHT340-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMHT340-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBMHT340-HF Datasheet HTML 1Page - Comchip Technology CDBMHT340-HF Datasheet HTML 2Page - Comchip Technology CDBMHT340-HF Datasheet HTML 3Page - Comchip Technology CDBMHT340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:A
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Reel Taping Specification
End
B
10 pitches (min)
P0
Trailer
P1
.......
.......
P
Index hole
.......
A
.......
d
Device
E
F
.......
.......
W
.......
Direction of Feed
10 pitches (min)
.......
D2
Leader
W1
C
T
D1
Start
D
Mini-SMA
/ SOD-123HT
Mini-SMA
/ SOD-123HT
SYMBOL
(inch)
SYMBOL
(inch)
(mm)
(mm)
2.00 ± 0.10
0.079 ± 0.004
1.75 ± 0.10
0.069 ± 0.004
A
E
0.152 ± 0.004
0.138 ± 0.004
3.85 ± 0.10
3.50 ± 0.10
B
F
4.00 ± 0.10
0.157 ± 0.004
1.10 ± 0.10
0.043 ± 0.004
C
P
0.059 ± 0.004
0.157 ± 0.004
1.50 ± 0.10
4.00 ± 0.10
P0
d
178.00 ± 2.00
7.007 ± 0.079
0.079 ± 0.004
2.00 ± 0.10
D
P1
2.441 (min)
62.00 (min)
0.23 ± 0.10
0.009 ± 0.04
D1
T
13.00 ± 0.50
0.512 ± 0.020
0.315 ± 0.012
8.00 ± 30
0.
D2
W
11.40 ± 00
1.
0.449 ± 0.039
W1
QW-JB056
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com