Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29501 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX29501
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29501 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX29501 Datasheet HTML 2Page - Sipex Corporation SPX29501 Datasheet HTML 3Page - Sipex Corporation SPX29501 Datasheet HTML 4Page - Sipex Corporation SPX29501 Datasheet HTML 5Page - Sipex Corporation SPX29501 Datasheet HTML 6Page - Sipex Corporation SPX29501 Datasheet HTML 7Page - Sipex Corporation SPX29501 Datasheet HTML 8Page - Sipex Corporation SPX29501 Datasheet HTML 9Page - Sipex Corporation SPX29501 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
6
PACKAGES
TO-263-3 Package (T)
VOUT
GND
V IN
Front View
12
3
TO-263-5 Package (T5)
Top View
45
3
2
1
Front View
TO-220-3 Package (U)
VIN
V OUT
GND
TO-220-5 Package (U5)
Top View
12 3 4 5
3
2
1
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2)INPUT
FLAG
OUTPUT
OUTPUT
SPX29502
SPX29503
OUTPUT
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2)INPUT
FLAG
SPX29501
SPX29502
SPX29503
ENABLE
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
SPX29501
VIN
VOUT
1)
3)
2)GND
SPX29500
VIN
VOUT
1)
3)
2)GND
SPX29500
*Tab is internally connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com