Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6301 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS6301
Description  AC LINE FREQUENCY TIMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6301 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS6301 Datasheet HTML 1Page - LSI Computer Systems LS6301 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6301-060804-2
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
With SW in the open position, the timeout is set to 15 minutes. In the closed position, the time-out is set to
30 seconds. Any change in the switch (SW) position will cause the time-out to reset and begin again.
At the end of the time-out the neon bulb will flash at a 1.875Hz rate and the normally on load will be turned off.
FIGURE 2. TYPICAL APPLICATION CIRCUIT
MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TA
0 to +85
°C
DC Supply Voltage
(VDD - VSS)
+7.5
V
Voltage at any input
VIN
VSS - 0.5 to VDD + 0.5
V
COUNTER
DECODER
LS6301
1
2
3
4
8
7
6
5
NORMALLY
OFF LOAD
NORMALLY
ON LOAD
AC LINE
VOLTAGE
(115, 60Hz)
R1
4.7M
R1
18K
D2
1N4004
AC IN
A
C
B
OUT 1
OUT 2
GND
C1
220pF
C3
+
-
47uF
±20%
6.3V
D1
1N4004
R2
18K
NEON BULB
2N5064
Q2
2N5064
VDD
C2
220pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com