Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3508 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3508 Datasheet HTML 2Page - Sipex Corporation SP3508 Datasheet HTML 3Page - Sipex Corporation SP3508 Datasheet HTML 4Page - Sipex Corporation SP3508 Datasheet HTML 5Page - Sipex Corporation SP3508 Datasheet HTML 6Page - Sipex Corporation SP3508 Datasheet HTML 7Page - Sipex Corporation SP3508 Datasheet HTML 8Page - Sipex Corporation SP3508 Datasheet HTML 9Page - Sipex Corporation SP3508 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
ELECTRICAL SPECIFICATIONS
TA = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted. The
♦ denotes the specifications which apply over the full operating
temperature range (-40°C to +85°C), unless otherwise specified.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
T
N
E
M
E
R
I
U
Q
E
R
R
E
W
O
P
V
C
C
5
1
.
33
.
35
4
.
3V
I
C
C
)
d
e
t
c
e
l
e
S
e
d
o
M
o
N
(1
♦
♦
♦
♦
♦
A
µI
ll
A
C
C
V
h
t
i
w
e
r
a
s
e
u
l
a
v
C
C
V
3
.
3
+
=
)
2
3
2
-
S
R
/
8
2
.
V5
9
♦
♦
♦
♦
♦
A
m
f
N
I
&
e
v
i
t
c
a
s
r
e
v
i
r
D
;
s
p
b
k
0
3
2
=
d
e
d
a
o
l
)
2
2
4
-
S
R
/
1
1
.
V
(0
3
2
♦
♦
♦
♦
♦
A
mf
N
I
d
e
d
a
o
l
&
e
v
i
t
c
a
s
r
e
v
i
r
D
;
s
p
b
M
0
2
=
)
9
4
4
-
S
R
&
0
3
5
-
A
I
E
(0
7
2
♦
♦
♦
♦
♦
A
mf
N
I
d
e
d
a
o
l
&
e
v
i
t
c
a
s
r
e
v
i
r
D
;
s
p
b
M
0
2
=
)
5
3
.
V
(0
7
1
♦
♦
♦
♦
♦
A
m
I
f
@
5
3
.
V
N
@
8
2
.
V
,
s
p
b
M
0
2
=
s
p
b
k
0
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com