Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1485E Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP1485E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1485E Datasheet(HTML) 4 Page - Sipex Corporation

  SP1485E Datasheet HTML 1Page - Sipex Corporation SP1485E Datasheet HTML 2Page - Sipex Corporation SP1485E Datasheet HTML 3Page - Sipex Corporation SP1485E Datasheet HTML 4Page - Sipex Corporation SP1485E Datasheet HTML 5Page - Sipex Corporation SP1485E Datasheet HTML 6Page - Sipex Corporation SP1485E Datasheet HTML 7Page - Sipex Corporation SP1485E Datasheet HTML 8Page - Sipex Corporation SP1485E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
4
PIN FUNCTION
Pin 1 – RO – Receiver Output.
Pin 2 – RE – Receiver Output Enable Active LOW.
Pin 3 – DE – Driver Output Enable Active HIGH.
Pin 4 – DI – Driver Input.
Pin 5 – GND – Ground Connection.
Pin 6 – A – Driver Output/Receiver Input
Non-inverting.
Pin 7 – B – Driver Output/Receiver Input Inverting.
Pin 8 – Vcc – Positive Supply 4.75V<Vcc< 5.25V.
SP1485E
Pinout (Top View)
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP485
Top View
Figure 5. Driver Propagation Delays
A
VOD
VOC
B
R
R
Figure 1. RS-485 Driver DC Test Load Circuit
Figure 2. Receiver Timing Test Load Circuit
Figure 3. RS-485 Driver/Receiver Timing Test Circuit
Figure 4. RS-485 Driver Timing Test Load #2 Circuit
CRL
1k
S2
S1
VCC
1k
Test Point
Receiver
Output
B
A
DI
B
A
CL1
CL2
RDIFF
RO
15pF
S2
S1
VCC
CL
500
Output
Under
Test
+3V
0V
DI
B
A
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO–
1.5V
1.5V
tPLH
tR
tF
f = 1MHz; tR < 1.0ns; tF < 1.0ns
VO
1/2VO
1/2VO
tPHL
tDPLH
tDPHL
tSKEW = | tDPLH - tDPHL |



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com